Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4643 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM4643
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4643 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM4643 Datasheet HTML 24Page - Linear Technology LTM4643 Datasheet HTML 25Page - Linear Technology LTM4643 Datasheet HTML 26Page - Linear Technology LTM4643 Datasheet HTML 27Page - Linear Technology LTM4643 Datasheet HTML 28Page - Linear Technology LTM4643 Datasheet HTML 29Page - Linear Technology LTM4643 Datasheet HTML 30Page - Linear Technology LTM4643 Datasheet HTML 31Page - Linear Technology LTM4643 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
LTM4643
31
4643fb
For more information www.linear.com/LTM4643
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
REVISION HISTORY
REV
DATE
DESCRIPTION
PAGE NUMBER
A
03/17
Added the BGA package
1, 2, 28, 30
B
6/17
Corrected Output Current from 4A to 3A on Figure 4
Corrected Output Voltage from 1.2V to 1.0V on Title of Figure 29
13
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com