Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4623 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4623
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 9Page - Linear Technology LTM4623 Datasheet HTML 10Page - Linear Technology LTM4623 Datasheet HTML 11Page - Linear Technology LTM4623 Datasheet HTML 12Page - Linear Technology LTM4623 Datasheet HTML 13Page - Linear Technology LTM4623 Datasheet HTML 14Page - Linear Technology LTM4623 Datasheet HTML 15Page - Linear Technology LTM4623 Datasheet HTML 16Page - Linear Technology LTM4623 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
LTM4643
13
4643fb
For more information www.linear.com/LTM4643
APPLICATIONS INFORMATION
towards the INTVCC voltage. When the TRACK/SS voltage
is below 0.6V, it will take over the internal 0.6V reference
voltage to control the output voltage. The total soft-start
time can be calculated as:
tSS = 0.6 •
CSS
2.5µA
where CSS is the capacitance on the TRACK/SS pin. Cur-
rent foldback and forced continuous mode are disabled
during the soft-start process.
Outputvoltagetrackingcanalsobeprogrammedexternally
using the TRACK/SS pin of each regulator channel. The
output can be tracked up and down with another regula-
tor. Figure 3 and Figure 4 show an example waveform
and schematic of a ratiometric tracking where the slave
regulator’s (VOUT2, VOUT3 and VOUT4) output slew rate is
proportional to the master’s (VOUT1).
Since the slave regulator’s TRACK/SS is connected to
the master’s output through a RTR(TOP)/RTR(BOT) resistor
divider and its voltage used to regulate the slave output
4643 F04
CH1
CSS
0.1µF
RFB1
13.3k
VIN
5V TO 20V
RTR2(TOP)
60.4k
CH2
RFB2
19.1k
CH3
RFB3
30.1k
CH4
RFB4
60.4k
RTR2(BOT)
13.3k
RTR3(TOP)
60.4k
RTR3(BOT)
13.3k
RTR4(TOP)
60.4k
RTR4(BOT)
13.3k
4643 F03
TIME
VOUT4 = 1.2V
VOUT3 = 1.8V
VOUT2 = 2.5V
VOUT1 = 3.3V
Figure 3. Output Ratiometric Tracking Waveform
Figure 4. Output Ratiometric Tracking Schematic
voltage when TRACK/SS voltage is below 0.6V, the slave
outputvoltageandthemasteroutputvoltageshouldsatisfy
the following equation during the start-up.
VOUT(SL) •
RFB(SL)
RFB(SL) + 60.4k
= VOUT(MA) •
RTR(BOT)
RTR(TOP) +RTR(BOT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com