Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4623 Datasheet(PDF) 21 Page - Linear Technology

Part # LTM4623
Description  Ultrathin Quad 關Module Regulator with Configurable 3A Output Array
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4623 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTM4623 Datasheet HTML 17Page - Linear Technology LTM4623 Datasheet HTML 18Page - Linear Technology LTM4623 Datasheet HTML 19Page - Linear Technology LTM4623 Datasheet HTML 20Page - Linear Technology LTM4623 Datasheet HTML 21Page - Linear Technology LTM4623 Datasheet HTML 22Page - Linear Technology LTM4623 Datasheet HTML 23Page - Linear Technology LTM4623 Datasheet HTML 24Page - Linear Technology LTM4623 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LTM4643
21
4643fb
For more information www.linear.com/LTM4643
Figure 21. 12VIN to 1.5VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink
Figure 22. 5VIN to 3.3VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
Figure 23. 12VIN to 3.3VOUT Derating
Curve, 4-Channel Paralleled,
No Heat Sink
Figure 24. 5VIN to 3.3VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F23
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F22
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F21
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F24
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
APPLICATIONS INFORMATION
Figure 25. 12VIN to 3.3VOUT Derating
Curve, 4-Channel Paralleled,
BGA Heat Sink
Figure 26. Power Loss Allowance vs.
Ambient Temperature, No Heat Sink
Figure 27. Power Loss Allowance vs.
Ambient Temperature, BGA Heat Sink
AMBIENT TEMPERATURE (°C)
30
0
10
14
12
4643 F25
4
2
8
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
8
10
9
4643 F26
4
2
1
5
3
7
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM
AMBIENT TEMPERATURE (°C)
30
0
8
10
9
4643 F27
4
2
1
5
3
7
6
120
40
80
100
60
50
90
110
70
0LFM
200LFM
400LFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com