Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4628 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 9Page - Linear Technology LTM4628 Datasheet HTML 10Page - Linear Technology LTM4628 Datasheet HTML 11Page - Linear Technology LTM4628 Datasheet HTML 12Page - Linear Technology LTM4628 Datasheet HTML 13Page - Linear Technology LTM4628 Datasheet HTML 14Page - Linear Technology LTM4628 Datasheet HTML 15Page - Linear Technology LTM4628 Datasheet HTML 16Page - Linear Technology LTM4628 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
LTM4650
13
4650fb
For more information www.linear.com/LTM4650
APPLICATIONS INFORMATION
Input Capacitors
The LTM4650 module should be connected to a low AC-
impedance DC source. For the regulator input two 22µF
input ceramic capacitors are required for each channel
for RMS ripple current. A 47µF to 100µF surface mount
aluminum electrolytic bulk capacitor can be used for more
input bulk capacitance. This bulk input capacitor is only
needed if the input source impedance is compromised by
long inductive leads, traces or not enough source capaci-
tance. If low impedance power planes are used, then this
bulk capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D =
VOUT
VIN
Without considering the inductor current ripple, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D • 1−D
(
)
In the above equation, η% is the estimated efficiency of
the power module. The bulk capacitor can be a switcher-
rated electrolytic aluminum capacitor, Polymer capacitor.
Output Capacitors
The LTM4650 is designed for low output voltage ripple
noise and good transient response. The bulk output
capacitors defined as COUT are chosen with low enough
effective series resistance (ESR) to meet the output volt-
age ripple and transient requirements. COUT can be a low
ESR tantalum capacitor, the low ESR polymer capacitor
or ceramic capacitor. The typical output capacitance range
for each output is from 400µF to 600µF. Additional output
filtering may be required by the system designer, if further
reduction of output ripples or dynamic transient spikes
is required. Table 4 shows a matrix of different output
voltages and output capacitors to minimize the voltage
droop and overshoot during a 12.5A (25%) load step
transient.ThetableoptimizestotalequivalentESRandtotal
bulk capacitance to optimize the transient performance.
Stability criteria are considered in the Table 4 matrix, and
the Linear Technology LTpowerCAD Design Tool will be
provided for stability analysis. Multiphase operation will
reduce effective output ripple as a function of the num-
ber of phases. Application Note 77 discusses this noise
reduction versus output ripple current cancellation, but
the output capacitance should be considered carefully as
a function of stability and transient response. The Linear
Technology µModule Power Design Tool can calculate the
output ripple reduction as the number of implemented
phases increases by N times. A small value 10Ω to 50Ω
resistor can be place in series from VOUT to the VOUTS pin
to allow for a bode plot analyzer to inject a signal into the
control loop and validate the regulator stability. The same
resistor could be place in series from VOUT to DIFFP and
a bode plot analyzer could inject a signal into the control
loop and validate the regulator stability.
Burst Mode Operation
The LTM4650 is capable of Burst Mode operation on each
regulator in which the power MOSFETs operate intermit-
tently based on load demand, thus saving quiescent cur-
rent. For applications where maximizing the efficiency at
very light loads is a high priority, Burst Mode operation
should be applied. Burst Mode operation is enabled with
the MODE_PLLIN pin floating. During this operation, the
peak current of the inductor is set to approximately one
third of the maximum peak current value in normal opera-
tion even though the voltage at the COMP pin indicates
a lower value. The voltage at the COMP pin drops when
the inductor’s average current is greater than the load
requirement. As the COMP voltage drops below 0.5V, the
BURST comparator trips, causing the internal sleep line
to go high and turn off both power MOSFETs.
In sleep mode, the internal circuitry is partially turned off,
reducing the quiescent current to about 450µA for each
output. The load current is now being supplied from the
output capacitors. When the output voltage drops, caus-
ing COMP to rise above 0.5V, the internal sleep line goes
low, and the LTM4650 resumes normal operation. The
next oscillator cycle will turn on the top power MOSFET
and the switching cycle repeats. Either regulator can be
configured for Burst Mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com