Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4628 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4628
Description  Dual 25A or Single 50A DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4628 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4628 Datasheet HTML 16Page - Linear Technology LTM4628 Datasheet HTML 17Page - Linear Technology LTM4628 Datasheet HTML 18Page - Linear Technology LTM4628 Datasheet HTML 19Page - Linear Technology LTM4628 Datasheet HTML 20Page - Linear Technology LTM4628 Datasheet HTML 21Page - Linear Technology LTM4628 Datasheet HTML 22Page - Linear Technology LTM4628 Datasheet HTML 23Page - Linear Technology LTM4628 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTM4650
20
4650fb
For more information www.linear.com/LTM4650
APPLICATIONS INFORMATION
Thermal Considerations and Output Current Derating
The thermal resistances reported in the Pin Configuration
section of the data sheet are consistent with those param-
eters defined by JESD51-9 and are intended for use with
finite element analysis (FEA) software modeling tools that
leverage the outcome of thermal modeling, simulation,
and correlation to hardware evaluation performed on a
µModulepackagemountedtoahardwaretestboard—also
defined by JESD51-9 (“Test Boards for Area Array Surface
MountPackageThermalMeasurements”).Themotivation
for providing these thermal coefficients is found in JESD
51-12 (“Guidelines for Reporting and Using Electronic
Package Thermal Information”).
Many designers may opt to use laboratory equipment
and a test vehicle such as the demo board to anticipate
the µModule regulator’s thermal performance in their ap-
plication at various electrical and environmental operating
conditions to compliment any FEA activities. Without FEA
software, the thermal resistances reported in the Pin Con-
figuration section are in-and-of themselves not relevant to
providing guidance of thermal performance; instead, the
derating curves provided in the data sheet can be used in
a manner that yields insight and guidance pertaining to
one’s application-usage, and can be adapted to correlate
thermal performance to one’s own application.
The Pin Configuration section typically gives four thermal
coefficients explicitly defined in JESD 51-12; these coef-
ficients are quoted or paraphrased below:
1. θJA, the thermal resistance from junction to ambient, is
the natural convection junction-to-ambient air thermal
resistance measured in a one cubic foot sealed enclo-
sure.Thisenvironmentissometimesreferredtoas“still
air” although natural convection causes the air to move.
This value is determined with the part mounted to a
JESD 51-9 defined test board, which does not reflect
an actual application or viable operating condition.
2. θJCbottom, the thermal resistance from junction to the
bottom of the product case, is the junction-to-board
thermal resistance with all of the component power
dissipation flowing through the bottom of the package.
In the typical µModule, the bulk of the heat flows out
Combining like terms, then simplifying the natural log
terms yields:
ΔVD = T(KELVIN) • KD • lN(10)
and redefining constant
K'D=KD•IN(10) =
198µV
K
yields
ΔVD = K'D • T(KELVIN)
Solving for temperature:
T(KELVIN)=
ΔVD
K'D
(°CELSIUS)= T(KELVIN)–273.15
where
300°K = 27°C
means that is we take the difference in voltage across the
diode measured at two currents with a ratio of 10, the
resulting voltage is 198μV per Kelvin of the junction with
a zero intercept at 0 Kelvin.
ThediodeconnectedPNPtransistorattheTEMPpincanbe
used to monitor the internal temperature of the LTM4650.
See Figure 23 for an example.
Figure 8. Diode Voltage VD vs Temperature T(°C)
TEMPERATURE (°C)
–50 –25
0.3
0.5
0.8
0
50
75
0.4
0.7
0.6
25
100
4650 F08
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com