Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4644MPY Datasheet(PDF) 12 Page - Linear Technology

Part # LTM4644MPY
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644MPY Datasheet(HTML) 12 Page - Linear Technology

Back Button LTM4644MPY Datasheet HTML 8Page - Linear Technology LTM4644MPY Datasheet HTML 9Page - Linear Technology LTM4644MPY Datasheet HTML 10Page - Linear Technology LTM4644MPY Datasheet HTML 11Page - Linear Technology LTM4644MPY Datasheet HTML 12Page - Linear Technology LTM4644MPY Datasheet HTML 13Page - Linear Technology LTM4644MPY Datasheet HTML 14Page - Linear Technology LTM4644MPY Datasheet HTML 15Page - Linear Technology LTM4644MPY Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTM4644/LTM4644-1
12
4644fe
For more information www.linear.com/LTM4644
APPLICATIONS INFORMATION
Multichannel Parallel Operation
For loads that demand more than 4A of output current,
the LTM4644 multiple regulator channels can be easily
paralleled to provide more output current without increas-
ing input and output voltage ripples. The LTM4644 has
preset built-in phase shift between each two of the four
regulator channels which is suitable to employ a 2+2, 3+1
or 4 channels parallel operation. Table 2 gives the phase
difference between regulator channels.
Table 2. Phase Difference Between Regulator Channels
CHANNEL
CH1
CH2
CH3
CH4
Phase Difference
180°
90°
180°
Figure 2 shows a 2+2 and a 4-channels parallel concept
schematic for clock phasing.
Figure 2. 2+2 and 4 Channels Parallel Concept Schematic
4644 F02
VOUT1
CH1
(0°)
VOUT2
LTM4644
8A
8A
CH2
(180°)
180°
VOUT3
CH3
(0°)
VOUT4
CH4
(180°)
180°
VOUT1
CH1
(0°)
VOUT2
LTM4644
16A
CH2
(180°)
180°
VOUT3
CH3
(270°)
VOUT4
CH4
(90°)
180°
90°
A multiphase power supply significantly reduces the
amount of ripple current in both the input and output ca-
pacitors. The RMS input ripple current is reduced by, and
the effective ripple frequency is multiplied by, the number
of phases used (assuming that the input voltage is greater
than the number of phases used times the output voltage).
The output ripple amplitude is also reduced by the number
of phases used when all of the outputs are tied together
to achieve a single high output current design.
The LTM4644 device is an inherently current mode con-
trolled device, so parallel modules will have very good
current sharing. This will balance the thermals on the
design. Please tie the RUN, TRACK/SS, FB and COMP
pins of each paralleling channel together. Figure 35 and
Figure 36 shows an example of parallel operation and pin
connection.
Input RMS Ripple Current Cancellation
Application Note 77 provides a detailed explanation of
multiphase operation. The input RMS ripple current can-
cellation mathematical derivations are presented, and a
graph is displayed representing the RMS ripple current
reductionasafunctionofthenumberofinterleavedphases.
Figure 3 shows this graph.
Soft-Start and Output Voltage Tracking
The TRACK/SS pin provides a means to either soft-start
of each regulator channel or track it to a different power
supply. A capacitor on the TRACK/SS pin will program the
ramp rate of the output voltage. An internal 2.5µA current
source will charge up the external soft-start capacitor
towards the INTVCC voltage. When the TRACK/SS voltage
is below 0.6V, it will take over the internal 0.6V reference
voltage to control the output voltage. The total soft-start
time can be calculated as:
tSS = 0.6 •
CSS
2.5µA
where CSS is the capacitance on the TRACK/SS pin. Cur-
rent foldback and forced continuous mode are disabled
during the soft-start process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com