Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4644MPY Datasheet(PDF) 28 Page - Linear Technology

Part # LTM4644MPY
Description  Quad DC/DC 關Module Regulator with Configurable 4A Output Array
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4644MPY Datasheet(HTML) 28 Page - Linear Technology

Back Button LTM4644MPY Datasheet HTML 24Page - Linear Technology LTM4644MPY Datasheet HTML 25Page - Linear Technology LTM4644MPY Datasheet HTML 26Page - Linear Technology LTM4644MPY Datasheet HTML 27Page - Linear Technology LTM4644MPY Datasheet HTML 28Page - Linear Technology LTM4644MPY Datasheet HTML 29Page - Linear Technology LTM4644MPY Datasheet HTML 30Page - Linear Technology LTM4644MPY Datasheet HTML 31Page - Linear Technology LTM4644MPY Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
LTM4644/LTM4644-1
28
4644fe
For more information www.linear.com/LTM4644
TYPICAL APPLICATIONS
Figure 34. 2.375V to 5V Input, Quad 1V, 1.2V, 1.5V, 1.8V Output
4644 F41
VIN1
SVIN1
RUN1
INTVCC1
MODE1
VIN2
SVIN2
RUN2
INTVCC2
MODE2
VIN3
SVIN3
RUN3
INTVCC3
MODE3
VIN4
SVIN4
RUN4
INTVCC4
MODE4
SGND
LTM4644
CLKIN
10µF
×4
6.3V
1206
CLKOUT
TEMP
GND
VOUT1
FB1
COMP1
TRACK/SS1
PGOOD1
VOUT2
FB2
COMP2
TRACK/SS2
PGOOD2
VOUT3
FB3
COMP3
TRACK/SS3
PGOOD3
VOUT4
FB4
COMP4
TRACK/SS4
PGOOD4
47µF
4V
0805
1.8V/4A
2.375V to 5V
1µF
6.3V
5V BIAS
30.1k
0.1µF
0.1µF
0.1µF
0.1µF
47µF
4V
0805
1.5V/4A
40.2k
47µF
4V
0805
1.2V/4A
60.4k
47µF
4V
0805
1V/4A
90.9k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com