Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 2 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LTM4651
2
4651f
For more information www.linear.com/LTM4651
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Terminal Voltages
VIN, VD, SVIN, SW, PGND, GNDSNS, ISETa ..–0.3V to 60V
GND, EXTVCC ........................................ –0.3V to 28V
RUN .................................GND – 0.3V to VOUT– + 60V
INTVCC, PGDFB, VINREG, COMPa .......... –0.3V to 4V
fSET ..................................................–0.3V to INTVCC
COMPb ................................................... –0.3V to 5V
ISETb .................................................... –0.3V to 28V
CLKIN, PGOOD (Relative to GND) ........... –0.3V to 6V
Terminal Currents
INTVCC Peak Output Current (Note 8)................30mA
TEMP+..................................................–1mA to 10mA
TEMP– .................................................–10mA to 1mA
Temperatures
Internal Operating Temperature
Range (Notes 2, 7).......................... –40°C to 125°C
Storage Temperature Range .............. –55°C to 125°C
Peak Solder Reflow Package
Body Temperature ............................................ 245°C
(Note 1) (All Voltages Relative to VOUT– Unless Otherwise Indicated)
1
A
B
C
D
E
F
G
H
J
K
L
2
3
4
TOP VIEW
BGA PACKAGE
77-PIN (15mm
× 9mm × 5.01mm)
5
6
7
VIN
VD
PGND
TEMP–
NC
NC
VOUT–
NC
SW
GND
SVIN
VINREG
SVOUT–
fSET
RUN
PGOOD PGDFB
CLKIN
VOUT–
VOUT–
SVOUT–
GNDSNS
EXTVCC
INTVCC
COMPb COMPa
ISETb ISETa
TEMP+
TEMP–
TEMP+
NC
TJMAX = 125°C
θJCtop = 22.4°C/W, θJCbottom = 7.9°C/W, θJB = 9.6°C/W, θJA = 20.8°C/W
θ VALUES DETERMINED PER JESD51-12
WEIGHT = 1.8 GRAMS
ORDER INFORMATION
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(SEE NOTE 2)
DEVICE
FINISH CODE
LTM4651EY#PBF
SAC305 (RoHS)
LTM4651Y
e1
BGA
3
–40°C to 125°C
LTM4651IY#PBF
–40°C to 125°C
LTM4651IY
SnPb (63/37)
e0
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• This product is not recommended for second side reflow. For more
information, go to www.linear.com/BGA-assy
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/BGA-assy
• BGA Package and Tray Drawings: www.linear.com/packaging
• This product is moisture sensitive. For more information, go to:
www.linear.com/BGA-assy
http://www.linear.com/product/LTM4651#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com