Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 3 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
LTM4651
3
4651f
For more information www.linear.com/LTM4651
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit 1, VIN = 24V and electrically connected to SVIN and RUN, ISETa – SVOUT– =
24V, EXTVCC = PGND, CLKIN open circuit, RfSET = 57.6kΩ and RISET = 480kΩ and voltages referred to PGND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
SVIN(DC), VIN(DC)
Input DC Voltage
VIN+ |VOUT–| ≤ 58V
l
3.6
58
V
VOUT(RANGE)–
Range of Output Voltage Regulation
0.5V ≤ ISETa – SVOUT– ≤ 26.5V
l
–26.5
–0.5
V
VOUT(–24VDC)–
Output Voltage Total Variation with
Line and Load at VOUT– = –24V
3.6V ≤ VIN ≤ 34V, 0A ≤ IOUT– ≤ 0.3A, CLKIN Driven per
Note 6, CINH = 4.7μF, CD = 4.7μF × 2,
COUTH = 47μF × 2
l
–24.4 –24 –23.6
V
VOUT(–5VDC)–
Output Voltage Total Variation with
Line and Load at VOUT– = –5V
Measuring GNDSNS – ISETa
12V ≤ VIN ≤ 53V, 0A ≤ IOUT– ≤ 3A, CLKIN Driven by
550kHz Clock, CINH = 4.7μF, CD = 4.7μF × 2, COUTH
= 47μF × 2, ISETa – SVOUT– = 5V
l
–15
0
15
mV
VOUT(–0.5VDC)–
Output Voltage Total Variation with
Line and Load at VOUT– = –0.5V
Measuring GNDSNS – ISETa
3.6V ≤ VIN ≤ 28V, 0A ≤ IOUT– ≤ 2A, CINH = 4.7μF,
CD = 4.7μF × 2, COUTH = 47μF × 2, RfSET = N/U,
ISETa – SVOUT– = 500mV, CLKIN Driven by 200kHz
Clock (Note 5)
l
–15
0
15
mV
Input Specifications
VIN(UVLO)
SVIN Undervoltage Lockout Threshold SVIN Rising
SVIN Falling
Hysteresis
l
l
l
2.1
400
3.2
2.5
700
3.6
2.8
V
V
mV
VIN(OVLO)
SVIN Overvoltage Lockout Rising
(Note 4)
64
68
V
VIN(HYS)
SVIN Overvoltage Lockout Hysteresis (Note 4)
2
4
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
CINH = 4.7μF, CD = 4.7μF × 2, COUTH = 47μF × 2;
IOUT– = 0A, ISETa Electrically Connected to ISETb
1.1
A
IQ(SVIN)
Input Supply Bias Current
Shutdown, RUN = GND
RUN = VIN
16
450
30
μA
μA
IS(VIN)
Input Supply Power Converter
CLKIN Open Circuit, IOUT– = 2A
2.3
A
IS(VIN, SHUTDOWN)
Input Supply Current in Shutdown
Shutdown, RUN = GND
4
µA
Output Specifications
IOUT–
VOUT– Output Continuous
Current Range
From VIN = 24V, Regulating VOUT– = –24V at fSW = 1.5MHz
From VIN = 12V, Regulating VOUT– = –5V at fSW = 550kHz
(See Note 3, Capable of Up to 4A Output Current for
Some Combinations of VIN, VOUT–, and fSW)
0
0
2
3
A
A
∆VOUT(LINE)–/VOUT– Line Regulation Accuracy
IOUT– = 0A, 3.6V ≤ VIN ≤ 34V, ISETa – SVOUT– = 24V,
CLKIN Driven by 1.8MHz Clock
l
0.05
0.25
%
∆VOUT(LOAD)–/VOUT– Load Regulation Accuracy
VIN = 24V, 0A ≤ IOUT– ≤ 2A, CLKIN Driven by 1.5MHz
Clock, RfSET = 57.6kΩ, and RISET = 480kΩ
l
0.05
0.5
%
VOUT(AC)–
Output Voltage Ripple, VOUT–
VIN = 12V, ISETa – SVOUT– = 5V
10
mVP–P
fs
VOUT Ripple Frequency
VIN = 12V, ISETa – SVOUT– = 5V
l
1.7
1.95
2.2
MHz
∆VOUT(START)–
Turn-On Overshoot
8
mV
tSTART
Turn-On Start-Up Time
Delay Measured from VIN Toggling from 0V to 24V to
PGOOD Exceeding 3V Above GND; PGOOD Having a
100kΩ Pull-Up to 3.3V with Respect to GND, VPGFB
Resistor-Divider Network as Shown in Test Circuit 1,
RISETa = 480kΩ, ISETa Electrically Connected to ISETb,
and CLKIN Driven with 1.2MHz Clock
l
4
9
ms
∆VOUT(LS)–
Peak Output Voltage Deviation for
Dynamic Load Step
IOUT–: 0A to 1A and 1A to 0A Load Steps in 1μs,
COUTH = 47µF × 2 X5R
400
mV
tSETTLE
Settling Time for Dynamic Load Step
IOUT–: 0A to 0.5A and 0.5A to 0A Load Steps in 1μs,
COUTH = 47µF × 2 X5R
50
µs
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com