Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 1 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTM4653
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
EN55022B Compliant 58V, 4A
Step-Down DC/DC
μModule Regulator
4A, 24V Output Low EMI DC/DC μModule Regulator
with Analog Output Current Indicator
APPLICATIONS
n
Complete Low EMI Switch Mode Power Supply
n
EN55022 Class B Compliant
n
Wide Input Voltage Range: 3.1V to 58V
n
Up to 4A Output Current
n
Output Voltage Range: 0.5V ≤ VOUT ≤ 0.94 • VIN
n
±1.67% Total DC Output Voltage Error Over Line,
Load and Temperature (–40°C to 125°C)
n
Parallel and Current Share with Multiple LTM4653s
n
Analog Output Current Indicator
n
Programmable Input Voltage Limiting
n
Constant-Frequency Current Mode Control
n
Power Good Indicator and Programmable Soft-Start
n
Overcurrent/Overvoltage/Overtemperature Protection
n
15mm × 9mm × 5.01mm BGA Package
n
Avionics, Industrial Control and Test Equipment
n
Video, Imaging and Instrumentation
n
48V Telecom and Network Power Supplies
n
RF Systems
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5481178, 5705919, 5847554, 6580258.
Radiated Emission Scan in a 10m Chamber
LTM4653 Delivering 24VOUT at 3.5A, from 48VIN
PINS NOT USED IN
THIS CIRCUIT:
CLKIN, PGOOD, COMPb
PGDFB, SW, EXTVCC
TEMP+, TEMP–, NC
ISETa
GND
ISETb
VIN
SVIN
VD
RUN
INTVCC
VINREG
COMPa
fSET
VOUT
LTM4653
24VOUT,
UP TO 4A
IOUT
ANALOG OUTPUT
CURRENT INDICATOR
VIMON = 0.25 • IOUT
10µF
×2
LOAD
124k
10nF
499
481k
4.7 F
4.7 F
VIN
28V TO 58V
4653 TA01a
VOSNS
SGND
PGND
IMONa
IMONb
50
60
70
40
30
20
10
–10
0
FREQUENCY (MHz)
30
830
130
230
330
430
530
630
730
930 1000
4653 TA01b
[1] HORIZONTAL
[2] VERTICAL
QPK LIMIT
FORMAL
MEAS DIST 10m
SPEC DIST 10m
+
The LTM®4653 is an ultralow noise 58V, 4A DC/DC step-
down μModule® regulator designed to meet the radiated
emissions requirements of EN55022. Conducted emis-
sion requirements can be met by adding standard filter
components. Included in the package are the switching
controller, power MOSFETs, inductor, filters and support
components.
Operating over an input voltage range of 3.1V to 58V, the
LTM4653 supports an output voltage range of 0.5V to
94% of VIN, and a switching frequency range of 250kHz
to 3MHz (400kHz default), each set by a single resistor.
For high load currents, the LTM4653 can be paralleled in
PolyPhase® operation and synchronized to an external
clock. Only the bulk input and output filter capacitors are
needed to finish the design.
The LTM4653 is offered in a 15mm × 9mm × 5.01mm
BGApackagewithSnPborRoHScompliantterminalfinish.


Similar Part No. - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
327Kb / 22P
Inverting or SEPIC 關Module DC/DC Converter with up to 700mA Output Current
logo
Linear Dimensions Semic...
LTM8045 LINEAR_DIMENSIONS-LTM8045 Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Integrated Syste...
LTM8045 LINEAR-LTM8045 Datasheet
1Mb / 18P
Dual SEPIC or Inverting Module DC DC Converter
logo
Linear Technology
LTM8045 LINER-LTM8045 Datasheet
746Kb / 32P
Triple Output 5A/5A/4A Step-Down DC/DC 關Module짰 Regulator
LTM8045 LINER-LTM8045 Datasheet
977Kb / 36P
Quad DC/DC 關Module Regulator with Configurable 4A Output Array
More results

Similar Description - LTM8045

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
14VIN, 4A Step-Down DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
4A Step-Down 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM8050 LINER-LTM8050 Datasheet
436Kb / 24P
58V, 2A Step-Down 關Module Regulator
logo
Analog Devices
LTM4655 AD-LTM4655 Datasheet
3Mb / 54P
EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com