Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 3 Page - Linear Technology

Part # LTM8045
Description  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 3 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTM4653
3
Rev 0
For more information www.analog.com
The l denotes the specifications which apply over the specified internal
operating temperature range (Note 2). TA = 25°C, Test Circuit, VIN = SVIN = 48V, EXTVCC = 24V, RUN = 3.3V, RISET = 480k,
RfSET = 57.6kΩ, fSW = 1.5MHz (CLKIN driven with 1.2MHz clock signal) unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
SVIN(DC), VIN(DC)
Input DC Voltage
l
3.1
58
V
VOUT(RANGE)
Range of Output Voltage Regulation
0.5V ≤ ISETa - SGND ≤ 0.94VIN, IOUT = 0A (See Note 6) l 0.5
0.94VIN
V
VOUT(24VDC)
Output Voltage Total Variation with
Line and Load at VOUT = 24V
28V ≤ VIN ≤ 58V, 0A ≤ IOUT ≤ 4A, CINH = 4.7μF,
CD = 4.7μF, COUTH = 2 × 47μF, CLKIN driven with
1.5MHz Clock
l
23.6
24
24.4
V
VOUT(0.5VDC)
Output Voltage Total Variation with
Line and Load at VOUT = 0.5V
Measuring VOSNS - ISETa
3.1V ≤ VIN ≤ 13.2V, 0A ≤ IOUT ≤ 4A, CINH = 4.7μF,
CD = 4.7μF, COUTH = 2 × 47μF, ISETa = 500mV,
RfSET = N/U (Note 5)
l
–15
0
15
mV
Input Specifications
VIN(UVLO)
SVIN Undervoltage Lockout Threshold SVIN Rising
SVIN Falling
Hysteresis
l
l
l
2.4
150
2.85
2.6
250
3.1
2.9
V
V
mV
VIN(OVLO)
SVIN Overvoltage Lockout Rising
(Note 4)
64
68
V
VIN(HYS)
SVIN Overvoltage Lockout Hysteresis (Note 4)
2
4
V
IINRUSH(VIN)
Input Inrush Current at Start-Up
CINH = 4.7μF, CD = 4.7μF, COUTH = 2 × 47μF; IOUT = 0A,
ISETa Electrically Connected to ISETb
300
mA
IQ(SVIN)
Input Supply Bias Current
Shutdown, RUN = GND
RUN = VIN
16
450
30
μA
μA
IS(VIN, FCM)
Input Supply Current
CLKIN Open Circuit, IOUT = 4A
2.1
A
IS(VIN, SHUTDOWN)
Input Supply Current in Shutdown
Shutdown, RUN = GND
4
µA
Output Specifications
IOUT
VOUT Output Continuous Current
Range
(Note 3)
0
4
A
∆VOUT(LINE)/VOUT
Line Regulation Accuracy
IOUT = 0A, 28V ≤ VIN ≤58V
l
0.05
0.1
%
∆VOUT(LOAD)/VOUT
Load Regulation Accuracy
VIN = 48V, 0A ≤ IOUT ≤ 4A
l
0.05
0.75
%
VOUT(AC)
Output Voltage Ripple, VOUT
VIN = 12V, ISETa = 5V
2
mVP–P
fs
VOUT Ripple Frequency
ISETa = 5V, RfSET = 57.6k, CLKIN Open Circuit
l
1.7
1.95
2.2
MHz
∆VOUT(START)
Turn-On Overshoot
8
mV
tSTART
Turn-On Start-Up Time
Delay Measured from VIN Toggling from 0V to 48V to
PGOOD Exceeding 3V; PGOOD Having a 100k Pull-Up
to 3.3V, VPGFB Resistor-Divider Network as Shown in
Test Circuit, RISETa = 480k, ISETa Electrically Connected
to ISETb and CLKIN Driven with 1.5MHz Clock
l
4
9
ms
∆VOUT(LS)
Peak Output Voltage Deviation for
Dynamic Load Step
IOUT: 0A to 2A and 2A to 0A Load Steps in 1μs,
COUTH = 47µF × 2
400
mV
tSETTLE
Settling Time for Dynamic Load Step
IOUT: 0A to 2A and 2A to 0A Load Steps in 1μs,
COUTH = 47µF × 2
50
µs
IOUT(OCL)
IOUT– Output Current Limit
5.5
A
Control Section
IISETa
Reference Current of ISETa Pin
VISETa = 0.5V, 3.1V ≤ VIN ≤ 13.2V
VISETa = 24V, 28V ≤ VIN ≤ 58V
l
l
49.3
49
50
50
50.7
51
µA
µA
IVOSNS
VOSNS Leakage Current
VIN = SVIN = RUN = ISETa = 58V
600
µA
tON(MIN)
Minimum On-Time
(Note 4 )
60
ns
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com