Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8045
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 2 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTM4661
2
4661f
For more information www.linear.com/LTM4661
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN .............................................................. –0.3V to 6V
VOUT........................................................... –0.3V to 18V
COMP, FREQ ........................................ –0.3V to INTVCC
SYNC/MODE, SDB ....................................... –0.3V to 6V
Operating Internal Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range .................. –55°C to 125°C
Peak Solder Reflow Body Temperature ................. 250°C
(Note 1)
1
2
3
4
5
SDB
FB
GND
COMP
INTVCC
FREQ
SYNC/MODE
GND
VIN
E
D
C
B
A
BGA PACKAGE
25-Lead (6.25mm × 6.25mm × 2.42mm)
BGA PACKAGE
25-Lead (6.25mm × 6.25mm × 2.42mm)
TOP VIEW
VOUT
TJMAX = 125°C, θJCtop = 17°C/W, θJCbottom = 11°C/W,
θJB + θBA = 22°C/W, θJA = 22°C/W
WEIGHT = 0.25g
ORDER INFORMATION
(See Pin Functions, Pin Configuration Table)
http://www.linear.com/product/LTM4661#orderinfo
PART NUMBER
PAD OR BALL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 2)
DEVICE
FINISH CODE
LTM4661EY#PBF
SAC305 (RoHS)
LTM4661Y
e1
BGA
4
–40°C to 125°C
LTM4661IY#PBF
SAC305 (RoHS)
LTM4661Y
e1
BGA
4
–40°C to 125°C
LTM4661IY
SnPb (63/37)
LTM4661Y
e0
BGA
4
–40°C to 125°C
• Consult Marketing for parts specified with wider operating temperature
ranges. *Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• BGA Package and Tray Drawings: www.linear.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com