Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8045
Description  15V, 4A Step-Up 關Module Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 5 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM4661
5
4661f
For more information www.linear.com/LTM4661
Steady State Output Ripple
Start-Up Waveform with No Load
Applied
Start-Up Waveform with 0.5A
Load Applied
Short-Circuit Response
TYPICAL PERFORMANCE CHARACTERISTICS
500µs/DIV
VOUT (AC)
5mV/DIV
4661 G06
VIN = 3.3V,
VOUT = 5V
fS = 1MHz (DEFAULT)
COUT = 2×22µF CERAMIC
500µs/DIV
VIN
2V/DIV
IIN
200mA/DIV
RUN
2V/DIV
VOUT
10V/DIV
4661 G07
VIN = 3.3V,
VOUT = 12V
fS = 1MHz (DEFAULT)
COUT = 2×22µF CERAMIC
500µs/DIV
VIN
2V/DIV
IIN
200mA/DIV
RUN
2V/DIV
VOUT
10V/DIV
4661 G08
VIN = 3.3V,
VOUT = 12V
fS = 1MHz (DEFAULT)
COUT = 2×22µF CERAMIC
500µs/DIV
IIN
1A/DIV
VOUT
5V/DIV
4661 G09
VIN = 3.3V,
VOUT = 12V
fS = 1MHz (DEFAULT)
COUT = 2×22µF CERAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com