Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM4677
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 9Page - Linear Technology LTM4677 Datasheet HTML 10Page - Linear Technology LTM4677 Datasheet HTML 11Page - Linear Technology LTM4677 Datasheet HTML 12Page - Linear Technology LTM4677 Datasheet HTML 13Page - Linear Technology LTM4677 Datasheet HTML 14Page - Linear Technology LTM4677 Datasheet HTML 15Page - Linear Technology LTM4677 Datasheet HTML 16Page - Linear Technology LTM4677 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
LTM4676A
13
4676afa
For more information www.linear.com/LTM4676A
READ_TEMPERATURE_2
(Control IC Temperature Error) vs
Junction Temperature, RUNn = 0V
READ_VIN (Input Voltage
Readback Telemetry) Error vs
SVIN, RUNn = 0V
MFR_READ_IINn (Input Current
Readback) Error vs (IVINn + ISVIN),
MFR_PWM_MODEn[0]=1b, IOUTn
Swept from 0A to 13A, One
Channel at a Time, RUN1-n = 0V
READ_VOUTn (Output Voltage
Readback) Error vs VOUTn
IOUTn = No Load, RUN1-n = 0V
READ_IOUTn (Output Current
Readback) Error vs IOUTn
Typical perForMance characTerisTics T
A = 25°C, 12VIN to 1VOUT, unless otherwise noted.
ACTUAL TEMPERATURE (°C)
–45
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
–5
35 55
4676A G18
–0.6
0.6
0.8
0.2
–25
15
75 95 115
VOUT (V)
0.5
0
20
30
4.5
4676A G16
–20
–10
10
–30
1.5
2.5
3.5
5.5
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
CHANNEL 0
CHANNEL 1
IOUT (A)
0
–300
–200
–100
0
100
CHANNEL 0
CHANNEL 1
200
300
3.25
6.50
9.75
13.00
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
4676A G17
SVIN (V)
4
–600
–400
–200
0
200
400
600
10
16
22
28
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT
4676A G19
IINn + ISVIN (A)
0
–200
–100
0
100
200
0.2
0.4
0.6
0.8
4676A G20
1.0
1.2
1.4
CHANNEL 0
CHANNEL 1
SPECIFIED UPPER LIMIT
SPECIFIED LOWER LIMIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com