Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4677 Datasheet(PDF) 39 Page - Linear Technology

Part # LTM4677
Description  Dual 13A or Single 26A 關Module Regulator with Digital Power System Management
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4677 Datasheet(HTML) 39 Page - Linear Technology

Back Button LTM4677 Datasheet HTML 35Page - Linear Technology LTM4677 Datasheet HTML 36Page - Linear Technology LTM4677 Datasheet HTML 37Page - Linear Technology LTM4677 Datasheet HTML 38Page - Linear Technology LTM4677 Datasheet HTML 39Page - Linear Technology LTM4677 Datasheet HTML 40Page - Linear Technology LTM4677 Datasheet HTML 41Page - Linear Technology LTM4677 Datasheet HTML 42Page - Linear Technology LTM4677 Datasheet HTML 43Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
LTM4676A
39
4676afa
For more information www.linear.com/LTM4676A
operaTion
internal volatile memory. When a fault event occurs, the
recording into internal volatile memory is halted, the fault
log information is available from the MFR_FAULT_LOG
command, and the contents of the internal memory
are copied into EEPROM. Fault logging is allowed at
temperaturesabove85°C;however,retentionof10yearsis
not guaranteed. When the die temperature exceeds 130°C
the fault logging is delayed until the die temperature drops
below 125°C. After the fault condition that created the fault
log event has been removed, clear the fault before the fault
log data is erased, or else the part will immediately issue
another fault log.
When the LTM4676A powers-up, it checks the EEPROM
for a valid fault log. If a valid fault log exists in EEPROM,
the “Valid Fault Log” bit in the STATUS_MFR_SPECIFIC
commandwillbesetandanALERTeventwillbegenerated.
Also,faultloggingwillbeblockeduntiltheLTM4676Ahas
received a MFR_FAULT_LOG_CLEAR command before
fault logging will be re-enabled.
TheinformationisstoredinEEPROMintheeventofanyfault
that disables the controller on either channel. An external
GPIOn pulling low will not trigger a fault logging event.
BUS TIMEOUT PROTECTION
The LTM4676A implements a timeout feature to avoid
hanging the serial interface. The data packet timer begins
at the first START event before the device address write
byte. Data packet information must be completed within
25ms or the LTM4676A will three-state the bus and ignore
the given data packet. If more time is required, assert
bit 3 of MFR_CONFIG_ALL to allow typical bus timeouts
of 255ms. Data packet information includes the device
address byte write, command byte, repeat start event
(if a read operation), device address byte read (if a read
operation), all data bytes and the PEC byte if applicable.
The LTM4676A allows longer PMBus timeouts for block
read data packets. This timeout is proportional to the
length of the block read. The additional block read timeout
applies primarily to the MFR_FAULT_LOG command. In
no circumstances will the timeout period be less than the
tTIMEOUT_SMB specification of 32ms (typical).
The user is encouraged to use as high a clock rate as pos-
sible to maintain efficient data packet transfer between all
devices sharing the serial bus interface. The LTM4676A
supports the full PMBus frequency range from 10kHz to
400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com