Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3795 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3795
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3795 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3795 Datasheet HTML 17Page - Linear Technology LT3795 Datasheet HTML 18Page - Linear Technology LT3795 Datasheet HTML 19Page - Linear Technology LT3795 Datasheet HTML 20Page - Linear Technology LT3795 Datasheet HTML 21Page - Linear Technology LT3795 Datasheet HTML 22Page - Linear Technology LT3795 Datasheet HTML 23Page - Linear Technology LT3795 Datasheet HTML 24Page - Linear Technology LT3795 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTM8005
21
8005f
For more information www.linear.com/LTM8005
TYPICAL APPLICATIONS
1.2A at up to 17V LED String from 6V to 18VIN (Buck-Boost Mode) with Spread Spectrum
LTM8005
8005 TA02
EN/UVLO
OVLO
PWM
VREF
CTRL1
CTRL2
VOUT
ISN
LED
AUX
FB
ISMON
RAMP
SS
VC
RT
GND OPENLED SHORTLED
IVINP
VIN
IVINN
SW
DA
COUT
2×
10µF
50V
L
10µH
L: COILCRAFT XAL8080-103ME
CIN: MURATA GRM31CR71E106KA12
COUT: MURATA GRM32ER71H106KA12
PIN NOT USED IN THIS CIRCUIT: IVINCOMP
100k
113k
1M
2.4k
23.2k
f = 350kHz
10nF
6.8nF
0.1µF
0.1µF
CIN
2×
10µF
25V
21.5k
348k
LED
STRING
VIN
6V TO 18V
73.2k
(OPTIONAL ULTRA-FAST
DIODE IF LED STRING
IS FAR AWAY)
VIN
6VIN to 31VIN to 36VOUT Boost Regulator
LTM8005
8005 TA03
EN/UVLO
OVLO
PWM
VREF
CTRL1
CTRL2
IVINCOMP
VOUT
ISN
LED
AUX
FB
ISMON
RAMP
SS
VC
RT
GND OPENLED SHORTLED
IVINP
VIN
IVINN
SW
DA
COUT
3×
4.7µF
50V
COUT2
56µF
VOUT
36V
L
4.7µH
RSENSE
7m
CIN, COUT1: MURATA GRM31CR71H475KA12
COUT2: SUNCON 50HVP56M
L: XAL8080-472MEB
RSENSE: VENKEL ULCR2512-7M00JT
95.3k
16.9k
1M
10k
31.6k
f = 250kHz
22nF
0.1µF
0.22µF
CIN
3×
4.7µF
50V
12.4k
348k
VIN
6V TO 31V
38V MAX.
33V OVLO
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com