Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8055 Datasheet(PDF) 13 Page - Linear Technology

Part # LTM8055
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTM8055 Datasheet HTML 9Page - Linear Technology LTM8055 Datasheet HTML 10Page - Linear Technology LTM8055 Datasheet HTML 11Page - Linear Technology LTM8055 Datasheet HTML 12Page - Linear Technology LTM8055 Datasheet HTML 13Page - Linear Technology LTM8055 Datasheet HTML 14Page - Linear Technology LTM8055 Datasheet HTML 15Page - Linear Technology LTM8055 Datasheet HTML 16Page - Linear Technology LTM8055 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTM8005
13
8005f
For more information www.linear.com/LTM8005
APPLICATIONS INFORMATION
Example: Calculate the resistor values required to increase
the VOUT range of a boost LED driver to 7.5:1 and have
OPENLED occur when VOUT is 38V:
Step 1: Choose R10 = 374k
Step 2: VOUTMIN = 38/7.5 = 5.1
Step 3:
R11=
1.7 • 374kΩ
1.65 • 38
(
) – 0.8 • 5.1
(
) – 1.7
= 11.2kΩ
Use R11 = 11.3k.
R12 =
1.7 • 374kΩ
0.35 • 38
(
) – 1.2 • 5.1
(
)
= 88.6kΩ
Use R12 = 88.7K.
The resistor values for R14 and R15 in Figure 6 can be
calculated as shown below. See the example that follows
for a suggested R13 value.
R14 =
1.7 • R13
1.65 • VOUTMAX
(
) – 0.8 • VOUTMIN
(
) – 0.85 • VBE(Q1)
(
)
R15 =
1.7 • R13
0.35 • VOUTMAX
(
) – 1.2 • VOUTMIN
(
) – 0.85 • VBE(Q1)
(
)
Example: Calculate the resistor values required to increase
the VOUT range of a buck-boost mode LED driver to
5:1 and have OPENLED occur when VOUT is 17V. Use
VBE(Q1) =0.7V:
Step 1: Choose R13 = 187k
Step 2: VOUTMIN = 17/5 = 3.4
Step 3:
R14 =
1.7 • 187kΩ
1.65 • 17
(
) – 0.8 • 3.4
(
) – 0.85 • 0.7
(
)
= 12.9kΩ
Use R14 = 12.7k
R15 =
1.7 • 187kΩ
0.35 • 17
(
) – 1.2 • 3.4
(
) – 0.85 • 0.7
(
)
= 249kΩ
Use R15 = 249k
LED Overcurrent Protection Feature
The LTM8005 has an overload protection feature inde-
pendent of the output LED current regulation. This feature
prevents the development of excessive switching currents
and protects the power components. The overload protec-
tion threshold (2.4A typical) is designed to be 50% higher
than the default LED current sense threshold. Once the
LED overcurrent is detected, the internal power switch is
turned off to stop switching, the PWM MOSFET is turned
off to disconnect the LED array from the power path, and
fault protection is initiated via the SS pin.
An anti-parallel Schottky or ultrafast diode D2 should be
connected as shown in Figure 7 to protect the LED node
from swinging well below ground when being shorted to
ground through a long cable. The internal protection loop
takes a finite amount of time to respond to the overload,
so the diode is recommended if the system must survive
an overload on the LED string.
LTM8005
LED
GND
D2
8005 F07
LED
STRING
PARASITIC
INDUCTANCE OF
LONG CABLE
Figure7. Connect an Anti-Parallel Diode D2 from
LED to GND to Protect the LTM8005 from Negative
Voltage Swings when the Connecting to a LED
String through a Long Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com