Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8055 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8055
Description  38VIN Boost 關Module Regulator for LED Drive with 10A Switch
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8055 Datasheet(HTML) 2 Page - Linear Technology

  LTM8055 Datasheet HTML 1Page - Linear Technology LTM8055 Datasheet HTML 2Page - Linear Technology LTM8055 Datasheet HTML 3Page - Linear Technology LTM8055 Datasheet HTML 4Page - Linear Technology LTM8055 Datasheet HTML 5Page - Linear Technology LTM8055 Datasheet HTML 6Page - Linear Technology LTM8055 Datasheet HTML 7Page - Linear Technology LTM8055 Datasheet HTML 8Page - Linear Technology LTM8055 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM8005
2
8005f
For more information www.linear.com/LTM8005
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, EN/UVLO, IVINN, IVINP .....................................50V
ISN Above LED..........................................................40V
SW, ISN, LED, VOUT, VOUT-DA..................................40V
SW, ISN, LED, VOUT, VOUT – DA................. 45V Transient
CTRL1, CTRL2 ………………...................................15V
PWM, SHORTLED, OPENLED ...................................12V
FB, OVLO ....................................................................8V
Maximum Junction Temperature
(E-Grade, I-Grade, MP-Grade) .......................... 125°C
Maximum Junction Temperature (H-Grade).......... 150°C
Storage Temperature............................................. 150°C
Peak Solder Reflow Body Temperature .................260°C
(Note 1)
F
G
H
J
K
E
A
B
C
D
2
1
4
3
5
6
7
8
BGA PACKAGE
80-Pad (11.25mm × 9mm × 2.22mm)
TOP VIEW
GND
CTRL2
CTRL1
RT
SS
VC
FB
GND
BANK5
ISN
IVINN
VIN
BANK 2
SW
BANK 1
GND
IVINP
EN/UVLO
IVINCOMP
AUX
ISMON
BANK6
LED
BANK 4 VOUT
BANK 3 DA
PWM
VREF
OVLO
JA = 19.3°C/W, JCBOTTOM = 3.0°C/W,
JCTOP = 16.3°C/W, JB = 7.2°C/W, WEIGHT = 0.4g
VALUES DETERMINED PER JEDEC 15-9, 51-12
ORDER INFORMATION
Part Number
Terminal Finish
Part Marking*
Package Type
MSL Rating
Temperature Range
Device
Finish Code
LTM8005EY#PBF
SAC305 (RoHS)
LTM8005
e1
BGA
3
–40°C to 125°C
LTM8005IY#PBF
SAC305 (RoHS)
LTM8005
e1
BGA
3
–40°C to 125°C
LTM8005HY#PBF
SAC305 (RoHS)
LTM8005
e1
BGA
3
–40°C to 150°C
LTM8005MPY#PBF
SAC305 (RoHS)
LTM8005
e1
BGA
3
–55°C to 125°C
Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is identified by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended LGA and BGA PCB Assembly and Manufacturing
Procedures: www.linear.com/umodule/pcbassembly
• LGA and BGA Package and Tray Drawings: www.linear.com/packaging
http://www.linear.com/product/LTM8005#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com