Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8045
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology LTM8045 Datasheet HTML 21Page - Linear Technology LTM8045 Datasheet HTML 22Page - Linear Technology LTM8045 Datasheet HTML 23Page - Linear Technology LTM8045 Datasheet HTML 24Page - Linear Technology LTM8045 Datasheet HTML 25Page - Linear Technology LTM8045 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LTM8056
22
8056fa
For more information www.linear.com/LTM8056
18VOUT from 18VIN to 58VIN with 2.5A Accurate Current Limit
and Output Current Monitor
TYPICAL APPLICATIONS
Two LTM8056s Paralleled to Get More Output Current. The Two µModules Are
Synchronized and Switching 180° Out Of Phase
VIN
SVIN
IIN
GND
LL
MODE
LTM8056
IOUT
0.022
VOUT
CLKOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
6.98k
8056 TA04a
22µF
25V
47µF
25V
VOUT
18V
OUTPUT
CURRENT
MONITOR
2.2µF
100V
×3
VIN
18V TO 58V
31.6k
fSW = 650kHz
100k
+
Output Voltage vs Output Current
Output Current per Channel vs
Total Output Current
OUTPUT CURRENT (A)
NOTE: LINES ARE SUPERIMPOSED
0
20
14
18
16
12
10
8
4
2
6
0
8056 TA04b
3
2
2.5
1
0.5
1.5
24VIN
36VIN
48VIN
VIN
SVIN
IIN
GND
LL
MODE
LTM8056
IOUT
0.015
VOUT
IINMON
IOUTMON
FB
RUN
CTL
SS
SYNC
COMP
RT
CLKOUT
VOUT
18V
2.2µF
100V
×4
1µF
VIN
7V TO 58V
30.9k
VIN
SVIN
IIN
GND
LTM8056
IOUT
0.015
VOUT
CTL
CLKOUT
IINMON
IOUTMON
FB
RUN
COMP
SS
SYNC
RT
6.98k
LT6015
100k
6.34k
8056 TA05a
2.2µF
100V
×4
1µF
30.9k
fSW = 680kHz
LL
MODE
51
100k
22µF
25V
47µF
25V
22µF
25V
47µF
25V
+
+
TOTAL OUTPUT CURRENT (A)
0
4
2
3
1
0
8056 TA05b
8
4
2
6
MASTER
SLAVE
NOTE: LINES ARE SUPERIMPOSED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com