Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8045
Description  58VIN, 48VOUT Buck-Boost 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 5 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM8056
5
8056fa
For more information www.linear.com/LTM8056
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Output Current
(18VOUT)
Input Current vs Output Current
(24VOUT)
Input Current vs Output Current
(36VOUT)
Input Current vs Output Current
(48VOUT)
Maximum Output Current vs VIN
Maximum Output Current vs VIN
Input Current vs Output Current
(5VOUT)
Input Current vs Output Current
(8VOUT)
Input Current vs Output Current
(12VOUT)
TA = 25°C, unless otherwise noted.
OUTPUT CURRENT (A)
4
3
2
1
0
8056 G10
4
0
2
6
5VIN
12VIN
22VIN
OUTPUT CURRENT (A)
5
4
3
2
1
0
8056 G11
4
0
2
6
5VIN
12VIN
24VIN
OUTPUT CURRENT (A)
4
3
2
1
0
8056 G12
6
0
2
4
5VIN
12VIN
24VIN
36VIN
OUTPUT CURRENT (A)
5
4
3
2
1
0
8056 G13
6
0
2
4
6VIN
12VIN
24VIN
48VIN
OUTPUT CURRENT (A)
5
4
3
2
1
0
8056 G14
6
0
2
4
7VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
5
4
3
2
1
0
8056 G15
4
6
0
2
9VIN
12VIN
24VIN
36VIN
48VIN
OUTPUT CURRENT (A)
4
3
2
1
0
8056 G16
2.5
3.0
3.5
0
0.5
1.0
1.5
2.0
13VIN
24VIN
36VIN
48VIN
VIN (V)
6
5
4
3
2
8056 G17
20
30
0
10
3.3VOUT
5VOUT
8VOUT
VIN (V)
6
5
4
0
3
2
1
8056 G18
30
40
50
0
10
20
12VOUT
18VOUT
24VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com