Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8063 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8063 Datasheet HTML 16Page - Linear Technology LTM8063 Datasheet HTML 17Page - Linear Technology LTM8063 Datasheet HTML 18Page - Linear Technology LTM8063 Datasheet HTML 19Page - Linear Technology LTM8063 Datasheet HTML 20Page - Linear Technology LTM8063 Datasheet HTML 21Page - Linear Technology LTM8063 Datasheet HTML 22Page - Linear Technology LTM8063 Datasheet HTML 23Page - Linear Technology LTM8063 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTM8063
20
8063fa
For more information www.linear.com/LTM8063
TYPICAL APPLICATIONS
1.2VOUT from 3.2VIN to 40VIN Step-Down Converter
3.3VOUT from 5VIN to 40VIN Step-Down Converter
1µF
X5R
0805
100µF
X5R
0805
453k
52.3k
800kHz
LTM8063
VOUT
VOUT
1.2V
2.3A
2.5A PEAK
VIN
VIN
3.2V TO 40V
FB
GND
RUN
SYNC
RT
8063 TA02
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
1µF
X5R
0805
47µF
X5R
0805
75k
33.2k
1.2MHz
LTM8063
VOUT
VOUT
3.3V
2.1A
2.5A PEAK
VIN
VIN*
5V TO 40V
FB
GND
RUN
SYNC
RT
8063 TA03
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
*VIN MAY BE AS LOW AS 3.6V WITH OFF-CYCLE SKIPPING
–5VOUT from 3.2VIN to 35VIN Positive to Negative Converter
Maximum Load Current vs VIN
1µF
X5R
0805
22µF
X5R
0805
45.3k
27.4k
1.4MHz
4.7µF
OPTIONAL
BULK CAP
+
LTM8063
VOUT
VOUT
–5V
VIN
VIN
3.2V
TO 35V
FB
GND
RUN
SYNC
RT
8063 TA04a
PINS NOT USED IN THIS CIRCUIT: TR/SS, PG
INPUT VOLTAGE (V)
0
10
20
30
40
0.5
1.0
1.5
2.0
2.5
8063 TA04b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com