Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8063 Datasheet(PDF) 22 Page - Linear Technology

Part # LTM8063
Description  40VIN, 2A Silent Switcher 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8063 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTM8063 Datasheet HTML 16Page - Linear Technology LTM8063 Datasheet HTML 17Page - Linear Technology LTM8063 Datasheet HTML 18Page - Linear Technology LTM8063 Datasheet HTML 19Page - Linear Technology LTM8063 Datasheet HTML 20Page - Linear Technology LTM8063 Datasheet HTML 21Page - Linear Technology LTM8063 Datasheet HTML 22Page - Linear Technology LTM8063 Datasheet HTML 23Page - Linear Technology LTM8063 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTM8063
22
8063fa
For more information www.linear.com/LTM8063
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LTM8063#packaging for the most recent package drawings.
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME Y14.5M-1994
2. ALL DIMENSIONS ARE IN MILLIMETERS
BALL DESIGNATION PER JEP95
4
3
DETAILS OF PIN #1 IDENTIFIER ARE OPTIONAL,
BUT MUST BE LOCATED WITHIN THE ZONE INDICATED.
THE PIN #1 IDENTIFIER MAY BE EITHER A MOLD OR
MARKED FEATURE
PACKAGE TOP VIEW
PIN “A1”
CORNER
X
Y
PACKAGE BOTTOM VIEW
3
SEE NOTES
SUGGESTED PCB LAYOUT
TOP VIEW
DETAIL A
PIN 1
2.4
1.6
0.8
0.8
1.6
2.4
0.000
DETAIL A
Øb (28 PLACES)
F
G
E
A
B
C
D
1
3
2
4
D
A
DETAIL B
PACKAGE SIDE VIEW
M
X Y
Z
ddd
M Z
eee
0.40 ±0.025 Ø 28x
E
b
e
e
b
A2
F
G
BGA Package
28-Lead (6.25mm
× 4mm × 2.22mm)
(Reference LTC DWG # 05-08-1517 Rev A)
6
SEE NOTES
4
aaa Z
2
×
BGA 28 0517 REV A
TRAY PIN 1
BEVEL
PACKAGE IN TRAY LOADING ORIENTATION
COMPONENT
PIN “A1”
LTMXXXXXX
µModule
SYMBOL
A
A1
A2
b
b1
D
E
e
F
G
H1
H2
aaa
bbb
ccc
ddd
eee
MIN
2.02
0.30
1.72
0.45
0.37
0.27
1.45
NOM
2.22
0.40
1.82
0.50
0.40
6.25
4.00
0.80
4.80
2.40
0.32
1.50
MAX
2.42
0.50
1.92
0.55
0.43
0.37
1.55
0.15
0.10
0.20
0.15
0.08
TOTAL NUMBER OF BALLS: 28
DIMENSIONS
NOTES
BALL HT
BALL DIMENSION
PAD DIMENSION
SUBSTRATE THK
MOLD CAP HT
DETAIL B
SUBSTRATE
A1
ccc Z
H2
H1
b1
MOLD
CAP
5. PRIMARY DATUM -Z- IS SEATING PLANE
6
PACKAGE ROW AND COLUMN LABELING MAY VARY
AMONG µModule PRODUCTS. REVIEW EACH PACKAGE
LAYOUT CAREFULLY
!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com