Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM8045 Datasheet HTML 12Page - Linear Technology LTM8045 Datasheet HTML 13Page - Linear Technology LTM8045 Datasheet HTML 14Page - Linear Technology LTM8045 Datasheet HTML 15Page - Linear Technology LTM8045 Datasheet HTML 16Page - Linear Technology LTM8045 Datasheet HTML 17Page - Linear Technology LTM8045 Datasheet HTML 18Page - Linear Technology LTM8045 Datasheet HTML 19Page - Linear Technology LTM8045 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTM8068
20
8068fb
For more information www.linear.com/LTM8068
LINEAR TECHNOLOGY CORPORATION 2016
LT 0717 REV B • PRINTED IN USA
www.linear.com/LTM8068
RELATED PARTS
TYPICAL APPLICATION
3.3V, 2.5V Dual Output Converter with Low Noise Bypass
Maximum Load Current vs VIN
VOUT2
VOUT1
VIN (V)
0
8
16
24
32
100
200
300
400
8068 TA04b
VOUT2
FB2
BYP
VOUTN
LTM8068
487k
0.01µF
8068 TA04a
VOUT2
2.5V
300mA MAX
VOUT1
3.3V
10µF
VOUT1
VIN
RUN
GND
FB1
11.8k
2.2µF
VIN
2.8V TO 40V
LOW
NOISE
LDO
•
•
100µF
DESIGN RESOURCES
Part Number Description
Comments
LTM8067
2kVAC Isolated µModule Converter
2.8V ≤ VIN ≤ 40V, 2.5V ≤ VOUT ≤ 24V, UL60950 Recognized
LTM8047
725VDC, 1.5W Isolated µModule Converter
3.1V ≤ VIN ≤ 32V, 2.5V ≤ VOUT ≤ 12V
LTM8048
725VDC, 1.5W Isolated µModule Converter with
LDO Post Regulator
3.1V ≤ VIN ≤ 32V, 1.2V ≤ VOUT ≤ 12V; 20µVRMS Output Ripple
LTM8045
Inverting or SEPIC µModule DC/DC Converter
2.8V ≤ VIN ≤ 18V, 2.5V ≤ VOUT ≤ 15V or –2.5V ≤ VOUT ≤ –15V, Up to 700mA
LT®8300
Isolated Flyback Converter with 100VIN, 150V/260mA
Power Switch
6V ≤ VIN ≤ 100V, No Opt-Isolator Required
LT8301
Isolated Flyback Converter with 65V/1.2A Power Switch
2.7V ≤ VIN ≤ 42V, No Opt-Isolator Required
LT8302
Isolated Flyback Converter with 65V/3.6A Power Switch
2.8V ≤ VIN ≤ 42V, No Opt-Isolator Required
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com