Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8045 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8045
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8045 Datasheet(HTML) 5 Page - Linear Technology

  LTM8045 Datasheet HTML 1Page - Linear Technology LTM8045 Datasheet HTML 2Page - Linear Technology LTM8045 Datasheet HTML 3Page - Linear Technology LTM8045 Datasheet HTML 4Page - Linear Technology LTM8045 Datasheet HTML 5Page - Linear Technology LTM8045 Datasheet HTML 6Page - Linear Technology LTM8045 Datasheet HTML 7Page - Linear Technology LTM8045 Datasheet HTML 8Page - Linear Technology LTM8045 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTM8068
5
8068fb
For more information www.linear.com/LTM8068
TYPICAL PERFORMANCE CHARACTERISTICS
Input Current vs Load Current,
VOUT1 = 8V
Input Current vs Load Current,
VOUT1 = 12V
Input Current vs VIN,
VOUT1 Shorted, VOUT2 Open
Maximum Load Current vs VIN
Maximum Load Current vs VIN
Maximum Load Current vs VIN
Input Current vs VIN,
VOUT2 Shorted
Maximum Load Current vs VOUT1
Input Current vs Load Current,
VOUT1 = 15V
Unless otherwise noted, operating conditions are
as in Table 1 (TA = 25°C).
LOAD CURRENT (mA)
0
100
200
300
400
500
0
100
200
300
400
8068 G10
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
VIN = 5V
VIN = 12V
VIN = 24V
VIN = 36V
LOAD CURRENT (mA)
0
100
200
300
0
100
200
300
400
8068 G11
LOAD CURRENT (mA)
0
100
200
300
0
100
200
300
400
8068 G12
VIN = 5V
VIN = 12V
VIN = 24V
VIN (V)
0
10
20
30
40
0
50
100
150
200
250
8068 G13
VIN (V)
0
10
20
30
40
0
90
180
270
360
450
8068 G14
VIN=5V
VIN=12V
VIN=24V
VOUT1 (V)
0
5
10
15
20
25
0
125
250
375
500
8068 G15
VIN = 5V
VIN = 12V
VIN = 24V
2.5VOUT1
3.3VOUT1
VIN (V)
0
10
20
30
40
100
200
300
400
8068 G16
5VOUT1
8VOUT1
VIN (V)
0
10
20
30
40
0
200
400
600
8068 G17
12VOUT1
15VOUT1
VIN (V)
0
10
20
30
40
0
100
200
300
8068 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com