Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8302 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8302
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8302 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8302 Datasheet HTML 9Page - Linear Technology LT8302 Datasheet HTML 10Page - Linear Technology LT8302 Datasheet HTML 11Page - Linear Technology LT8302 Datasheet HTML 12Page - Linear Technology LT8302 Datasheet HTML 13Page - Linear Technology LT8302 Datasheet HTML 14Page - Linear Technology LT8302 Datasheet HTML 15Page - Linear Technology LT8302 Datasheet HTML 16Page - Linear Technology LT8302 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTM8068
13
8068fb
For more information www.linear.com/LTM8068
APPLICATIONS INFORMATION
VOUT2 Post Regulator Bypass Capacitance and Low
Noise Performance
The VOUT2 linear regulator may be used with the addition
of a 0.01μF bypass capacitor from VOUT to the BYP pin
to lower output voltage noise. A good quality low leak-
age capacitor, such as a X5R or X7R ceramic, is recom-
mended. This capacitor will bypass the reference of the
regulator, lowering the output voltage noise to as low as
20µVRMS. Using a bypass capacitor has the added benefit
of improving transient response.
Safety Rated Capacitors
Some applications require safety rated capacitors, which
are high voltage capacitors that are specifically designed
and rated for AC operation and high voltage surges. These
capacitors are often certified to safety standards such
as UL 60950, IEC 60950 and others. In the case of the
LTM8068, a common application of a safety rated capaci-
tor would be to connect it from GND to VOUTN. To provide
maximum flexibility, the LTM8068 does not include any
components between GND and VOUTN. Any safety capaci-
tors must be added externally.
The specific capacitor and circuit configuration for any
application depends upon the safety requirements of the
system into which the LTM8068 is being designed. Table
2 provides a list of possible capacitors and their manufac-
turers. The application of a capacitor from GND to VOUTN
may also reduce the high frequency output noise on the
output.
Table 2. Safety Rated Capacitors
MANUFACTURER PART NUMBER
DESCRIPTION
Murata
Electronics
GA343DR7GD472KW01L
4700pF, 250V AC, X7R,
4.5mm × 3.2mm
Capacitor
Johanson
Dielectrics
302R29W471KV3E-****-SC 470pF, 250V AC, X7R,
4.5mm × 2mm
Capacitor
Syfer Technology 1808JA250102JCTSP
100pF, 250V AC, C0G,
1808 Capacitor
PCB Layout
Most of the headaches associated with PCB layout have
been alleviated or even eliminated by the high level of
integration of the LTM8068. The LTM8068 is neverthe-
less a switching power supply, and care must be taken to
minimize electrical noise to ensure proper operation. Even
with the high level of integration, you may fail to achieve
specified operation with a haphazard or poor layout. See
Figure 1 for a suggested layout. Ensure that the grounding
and heat sinking are acceptable.
A few rules to keep in mind are:
1. Place the RFB1 and RFB2 resistors as close as possible
to their respective pins.
2. Place the CIN capacitor as close as possible to the VIN
and GND connections of the LTM8068.
3. Place the COUT1 capacitor as close as possible to
VOUT1 and VOUTN. Likewise, place the COUT2 capaci-
tor as close as possible to VOUT2 and VOUTN.
4. Place the CIN and COUT capacitors such that their
ground current flow directly adjacent or underneath
the LTM8068.
8068 F01
RUN
FB2
BYP
FB1
LTM8058
COUT2
COUT1
VOUTN
VOUT2
VIN
VOUT1
CIN
THERMAL/INTERCONNECT VIAS
Figure 1. Layout Showing Suggested External
Components, Planes and Thermal Vias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com