Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8302 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8302
Description  2.8VIN to 40VIN Isolated 關Module DC/DC Converter with LDO Post Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8302 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8302 Datasheet HTML 10Page - Linear Technology LT8302 Datasheet HTML 11Page - Linear Technology LT8302 Datasheet HTML 12Page - Linear Technology LT8302 Datasheet HTML 13Page - Linear Technology LT8302 Datasheet HTML 14Page - Linear Technology LT8302 Datasheet HTML 15Page - Linear Technology LT8302 Datasheet HTML 16Page - Linear Technology LT8302 Datasheet HTML 17Page - Linear Technology LT8302 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LTM8068
14
8068fb
For more information www.linear.com/LTM8068
APPLICATIONS INFORMATION
5. Connect all of the GND connections to as large a cop-
per pour or plane area as possible on the top layer.
Avoid breaking the ground connection between the
external components and the LTM8068.
6. Use vias to connect the GND copper area to the board’s
internal ground planes. Liberally distribute these GND
vias to provide both a good ground connection and
thermal path to the internal planes of the printed circuit
board. Pay attention to the location and density of the
thermal vias in Figure 1. The LTM8068 can benefit
from the heat sinking afforded by vias that connect
to internal GND planes at these locations, due to their
proximity to internal power handling components.
The optimum number of thermal vias depends upon
the printed circuit board design. For example, a board
might use very small via holes. It should employ more
thermal vias than a board that uses larger holes.
Minimum Load
Due to the nature of the flyback regulator in general, and
the LTM8068 control scheme specifically, the LTM8068
requires a minimum load for proper operation. Otherwise,
the output may go out of regulation if the load is too
light. The most common way to address this is to place a
resistor across the output. The Minimum Load Current vs
VOUT Over Full Output Voltage Range graph in the Typical
Performance Characteristics section of may be used as
a guide in selecting the resistor. Note that this graph
describes room temperature operation. If the end appli-
cation operates at a colder temperature, the minimum
load requirement may be higher and the minimum load
condition must be characterized for the lowest operating
temperature.
If it is impractical to place a resistive load permanently
across the output, a resistor and Zener diode may be
used instead, as shown in Figure 2. While the minimum
load resistor mentioned in the prior paragraph will always
draw current while the LTM8068 output is powered, the
series resistor-Zener diode combination will only draw
current if the output is too high. When using this circuit,
take care to ensure that the characteristics of the Zener
diode are appropriate for the intended application’s tem-
perature range.
Figure 2: Use a Resistor and Zener Diode to Meet
the Minimum Load Requirement
LTM8068
VOUTP
VOUTN
8068 F02
Hot-Plugging Safely
The small size, robustness and low impedance of ceramic
capacitors make them an attractive option for the input
bypass capacitor of the LTM8068. However, these capaci-
tors can cause problems if the LTM8068 is plugged into
a live supply (see Linear Technology Application Note 88
for a complete discussion). The low loss ceramic capacitor
combined with stray inductance in series with the power
source forms an underdamped tank circuit, and the volt-
age at the VIN pin of the LTM8068 can ring to more than
twice the nominal input voltage, possibly exceeding the
LTM8068’s rating and damaging the part. If the input
supply is poorly controlled or the user will be plugging
the LTM8068 into an energized supply, the input network
should be designed to prevent this overshoot. This can be
accomplished by installing a small resistor in series to VIN,
but the most popular method of controlling input voltage
overshoot is adding an electrolytic bulk capacitor to the
VIN net. This capacitor’s relatively high equivalent series
resistance damps the circuit and eliminates the voltage
overshoot. The extra capacitor improves low frequency
ripple filtering and can slightly improve the efficiency of the
circuit, though it can be a large component in the circuit.
Thermal Considerations
The LTM8068 output current may need to be derated if
it is required to operate in a high ambient temperature.
The amount of current derating is dependent upon the
input voltage, output power and ambient temperature. The
temperature rise curves given in the Typical Performance
Characteristics section can be used as a guide. These
curves were generated by the LTM8068 mounted to
a 58cm2 4-layer FR4 printed circuit board. Boards of
other sizes and layer count can exhibit different thermal
behavior, so it is incumbent upon the user to verify proper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com