Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8002 Datasheet(PDF) 7 Page - Linear Technology

Part # LTM8002
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8002 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTM8002 Datasheet HTML 3Page - Linear Technology LTM8002 Datasheet HTML 4Page - Linear Technology LTM8002 Datasheet HTML 5Page - Linear Technology LTM8002 Datasheet HTML 6Page - Linear Technology LTM8002 Datasheet HTML 7Page - Linear Technology LTM8002 Datasheet HTML 8Page - Linear Technology LTM8002 Datasheet HTML 9Page - Linear Technology LTM8002 Datasheet HTML 10Page - Linear Technology LTM8002 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LTM8065
7
8065fa
For more information www.linear.com/LTM8065
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Input vs Load Current
VOUT = 12V
Input vs Load Current
VOUT = 15V
Input vs Load Current
VOUT = 18V
Input vs Load Current
VOUT = –3.3V
Input vs Load Current
VOUT = –5V
Input vs Load Current
VOUT = –8V
Input vs Load Current
VOUT = –12V
Input vs Load Current
VOUT = –15V
Input vs Load Current
VOUT = –18V
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1.0
1.5
2.0
8065 G28
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
8065 G29
12VIN
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.5
1.0
1.5
8065 G31
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
4
0
0.5
1.0
1.5
2.0
8065 G32
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
0
0.5
1.0
1.5
2.0
8065 G33
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
0
0.5
1.0
1.5
2.0
2.5
8065 G34
24VIN
36VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
8065 G30
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
0
0.5
1.0
1.5
2.0
2.5
8065 G35
12VIN
LOAD CURRENT (A)
0
0.5
1
1.5
0
0.5
1.0
1.5
2.0
2.5
8065 G36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com