Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM8002 Datasheet(PDF) 15 Page - Linear Technology

Part # LTM8002
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8002 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTM8002 Datasheet HTML 11Page - Linear Technology LTM8002 Datasheet HTML 12Page - Linear Technology LTM8002 Datasheet HTML 13Page - Linear Technology LTM8002 Datasheet HTML 14Page - Linear Technology LTM8002 Datasheet HTML 15Page - Linear Technology LTM8002 Datasheet HTML 16Page - Linear Technology LTM8002 Datasheet HTML 17Page - Linear Technology LTM8002 Datasheet HTML 18Page - Linear Technology LTM8002 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LTM8065
15
8065fa
For more information www.linear.com/LTM8065
APPLICATIONS INFORMATION
verify proper operation over the intended system’s line,
load and environmental conditions.
Ceramic capacitors are small, robust and have very low
ESR. However, not all ceramic capacitors are suitable.
X5R and X7R types are stable over temperature and ap-
plied voltage and give dependable service. Other types,
including Y5V and Z5U have very large temperature and
voltage coefficients of capacitance. In an application cir-
cuit they may have only a small fraction of their nominal
capacitance resulting in much higher output voltage ripple
than expected.
Ceramic capacitors are also piezoelectric. In Burst Mode
operation, the LTM8065’s switching frequency depends
on the load current, and can excite a ceramic capacitor
at audio frequencies, generating audible noise. Since the
LTM8065 operates at a lower current limit during Burst
Mode operation, the noise is typically very quiet to a
casual ear.
If this audible noise is unacceptable, use a high perfor-
mance electrolytic capacitor at the output. It may also be
a parallel combination of a ceramic capacitor and a low
cost electrolytic capacitor.
A final precaution regarding ceramic capacitors concerns
the maximum input voltage rating of the LTM8065. A
ceramic input capacitor combined with trace or cable
inductance forms a high-Q (underdamped) tank circuit.
If the LTM8065 circuit is plugged into a live supply, the
input voltage can ring to twice its nominal value, possi-
bly exceeding the device’s rating. This situation is easily
avoided; see the Hot-Plugging Safely section.
Frequency Selection
The LTM8065 uses a constant frequency PWM architec-
ture that can be programmed to switch from 200kHz to
3MHz by using a resistor tied from the RT pin to ground.
Table 2 provides a list of RT resistor values and their
resultant frequencies.
Table 2. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
73.2
0.7
60.4
0.8
52.3
1.0
41.2
1.2
33.2
1.4
28.0
1.6
23.7
1.8
20.5
2.0
18.2
2.2
15.8
3.0
10.7
Operating Frequency Trade-Offs
It is recommended that the user apply the optimal RT
value given in Table 1 for the input and output operating
condition. System level or other considerations, however,
may necessitate another operating frequency. While the
LTM8065 is flexible enough to accommodate a wide
range of operating frequencies, a haphazardly chosen
one may result in undesirable operation under certain
operating or fault conditions. A frequency that is too
high can reduce efficiency, generate excessive heat or
even damage the LTM8065 if the output is overloaded
or short-circuited. A frequency that is too low can result
in a final design that has too much output ripple or too
large of an output capacitor.
BIAS Pin Considerations
The BIAS pin is used to provide drive power for the internal
power switching stage and operate other internal circuitry.
For proper operation, it must be powered by at least 3.2V.
If the output voltage is programmed to 3.2V or higher, BIAS
may be simply tied to VOUT. If VOUT is less than 3.2V, BIAS
can be tied to VIN or some other voltage source. If the BIAS
pin voltage is too high, the efficiency of the LTM8065 may
suffer. The optimum BIAS voltage is dependent upon many
factors, such as load current, input voltage, output voltage
and switching frequency. In all cases, ensure that the maxi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com