Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360DG Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3360DG
Description  Integrated Photo Flash Changer IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360DG Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3360DG Datasheet HTML 1Page - Monolithic Power Systems MP3360DG Datasheet HTML 2Page - Monolithic Power Systems MP3360DG Datasheet HTML 3Page - Monolithic Power Systems MP3360DG Datasheet HTML 4Page - Monolithic Power Systems MP3360DG Datasheet HTML 5Page - Monolithic Power Systems MP3360DG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EV3360DG-00A-INTEGRATED PHOTO FLASH CHARGER, IGBT DRIVER EV BOARD
EV3360DG-00A Rev. 1.0
www.MonolithicPower.com
4
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3360DG-00A_CONTROL CIRCUIT BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Manufacturer P/N
1
U3
EEPROM
Data
EEPROM
Memory
SO8
MicroChip
PIC12F675
1
C12
1uF
Ceramic
Cap.
10V,
X7R
0805
MuRata
GRM21BR71A105K
4
R16,R17,
R18,R19
10k
Film Resistor, 1%
0603
Yageo
9C06031A1002FKHFT
2
R20,R22
5.11k
Film Resistor, 1%
0603
Yageo
9C06031A5111FKHFT
2
R21,R23
15k
Film Resistor, 1%
0603
Yageo
9C06031A1502FKHFT
1
R24
51
Film Resistor, 1%
0603
Yageo
9C06031A51R0FKHFT
1
D3
4.7V
Zaener Diode 0.5W
SOD123
DIODES
BZT52C4V7
2
SW1,SW2
Switch
Push Switching button
SM
4x10mm
Digi-Key
P8002SCT-ND
1
SW3
6 pos
DIP Switching
DIP6
Digi-Key
CKN1290-ND
4
JP1~JP4
2-pin
2-pin Header, 2.54mm
2.54mm
Sullins
PTC02SAAN
3
Jumper1,2,4
2-pin
Short Jumper, 2.54mm
2.54mm
Sullins
STC02SYAN
0
Jumper 3
NS
1
TP1~TP5
5-pin Header, 2.54mm
2.54mm
Sullins
PTC05SAAN



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com