Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3360DG Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3360DG
Description  Integrated Photo Flash Changer IGBT Driver EV Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3360DG Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3360DG Datasheet HTML 1Page - Monolithic Power Systems MP3360DG Datasheet HTML 2Page - Monolithic Power Systems MP3360DG Datasheet HTML 3Page - Monolithic Power Systems MP3360DG Datasheet HTML 4Page - Monolithic Power Systems MP3360DG Datasheet HTML 5Page - Monolithic Power Systems MP3360DG Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EV3360DG-00A-INTEGRATED PHOTO FLASH CHARGER, IGBT DRIVER EV BOARD
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV3360DG-00A Rev. 1.0
www.MonolithicPower.com
6
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
1. Solder Q1, trigger coil-T2 and Xenon Flash tube the board if they are not populated.
2. Turn off the power supply.
3. Attach the positive terminal of the power supply (3V - 6V) to the VIN.
4. Attach the negative terminal of the power supply to GND pin.
5. Turn on the power supply.
6. Press “FLASH”-SW1 once to trigger the flash sequencing. First, the microcontroller will enable
charge for certain time and then trigger the IGBT to light up the flash tube
7. “ENABLE”-SW2 serves only as a toggle SW to start/stop the charge, no flash will be triggered.
8. SW2 works with SW3 to set the current limit
a.
use SW3 to program the current limit (see table for setting Bits 0-3)
Binary
code
Current
limit(A)
0000
0.40
0001
0.45
0010
0.50
0011
0.55
0100
0.60
0101
0.65
0110
0.70
0111
0.75
1000
0.80
1001
0.90
1010
1.00
1011
1.10
1100
1.20
1101
1.30
1110
1.40
1111
1.50
b.
press SW2 to Enable the part and set the current limit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com