Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3373
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3373 Datasheet HTML 1Page - Monolithic Power Systems MP3373 Datasheet HTML 2Page - Monolithic Power Systems MP3373 Datasheet HTML 3Page - Monolithic Power Systems MP3373 Datasheet HTML 4Page - Monolithic Power Systems MP3373 Datasheet HTML 5Page - Monolithic Power Systems MP3373 Datasheet HTML 6Page - Monolithic Power Systems MP3373 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV3373-M-00A, 8 STRINGS, WLED CONTROLLER WITH EXTERNAL TRANSISTOR
EV3373-M-00A Rev.1.0
www.MonolithicPower.com
3
7/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV3373A-S-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
220uF
Electrolytic Capacitor,
50V
DIP
Rubycon
50YXF220MEFC
1
C2
4.7µF
Ceramic Capacitor,
50V, X7R
1210
Murata
GRM32ER71H47
5KA88L
1
C3
NC
1210
2
C4,C5
2.2µF
Ceramic Capacitor,
100V, X7R
1210
Murata
GRM32ER72A22
5KA35L
1
C7
470uF
Electrolytic Capacitor,
100V
DIP
江海
CD263-100V470
10
C8,C9,
C13~ C20
NC
0603
1
C10
100pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H101
JA01
1
C11
0.47uF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71EH4
74LKA12
1
C12
1uF
Ceramic Capacitor,
25V, X7R
0603
Murata
GRM188R71E105
KA12
1
C6
470pF
Ceramic Capacitor,
50V, COG
0603
Murata
GRM1885C1H471
JA01
2
D1,D2
Diode Schottky, 60V,
3A
SMA
Diodes Inc
B360A
1
F1
0Ω
Fuse, 4A, 63V
1206
Cooper
Bussman
CC12H4A
1
L1
47µH
Inductor,6.8A
SMD
Wurth
74435574700
1
M1
N- channel MOSFET
TO-263
Analog
Power
AM90N10-07B
8
Q1-Q8
PNP, Transistor,-
100V,-5A
SOT223
Zetex
FZT953TA
1
R2
357kΩ
Resistor, 1%
0603
Yageo
RC0603FR-
07357KL
2
R1,R10
NC
0603
11
R3,R4,R6,R9,R
12,R16,R21,R2
5,R30,R33,R36
0Ω
Resistor, 1%
0603
Yageo
RC0603JR-070RL
1
R8
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-
0710KL
1
R11
300Ω
Resistor, 1%
0603
Yageo
RC0603FR-
07300RL
1
R13
0.05Ω
Current Resistor, 1%
2512
CYNTEC
RL3264-6-R050-
FN
1
R14
0.1Ω
Current Resistor, 1%
2512
CYNTEC
RL3264-6-R100-
FN
8
R15,R20,R24,
R29,R32,R35,
R38,R40
1Ω
Resistor, 1%
1206
Yageo
RC1206FR-
071RL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com