Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3373 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3373
Description  8 Strings, Step Up WLED Controller with External Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3373 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3373 Datasheet HTML 1Page - Monolithic Power Systems MP3373 Datasheet HTML 2Page - Monolithic Power Systems MP3373 Datasheet HTML 3Page - Monolithic Power Systems MP3373 Datasheet HTML 4Page - Monolithic Power Systems MP3373 Datasheet HTML 5Page - Monolithic Power Systems MP3373 Datasheet HTML 6Page - Monolithic Power Systems MP3373 Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3373-M-00A
8 Strings, Step Up WLED Controller
with External Transistor
EV3373-M-00A Rev.1.0
www.MonolithicPower.com
1
7/11/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3373 is a step-up controller with 8-
channel external current sources designed for
driving the WLED arrays for large size LCD
panel backlighting applications.
The MP3373 employs peak current mode, fixed
frequency architecture to provide robust operation
with 9V to 40V input supply. The switching
frequency is programmable by an external
frequency setting resistor.
The MP3373 integrates the constant current
control circuit to regulate each LED string current
to the programmed value set by an external
resistor. And the current matching can achieve
1.2% regulation accuracy between strings. Its
low 200mV regulation voltage on LED current
sources reduces power loss and improves
efficiency.
To reduce inrush current and the stress of
components, MP3373 employs the phase shift
PWM dimming mode which can be disabled by
pulling PSEN pin to GND.
MP3373 also includes UVLO, LED short/open
protection, inductor/diode short protection and
thermal shut down protection. All fault status is
indicated by fault flag signal.
The MP3373 is flexible for extending LED
channels with two or three ICs in parallel with
sharing one power stage. It is available in
TSSOP28 and SOIC28 packages.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
9 – 28
V
LEDs #
8 LED string
10 LEDs/string
LED Current
ILED
200/string
mA
FEATURES
• 9V to 40V Input Voltage Range
• 8-Channel LED strings with external current
balance
• 1.2% Current Matching Accuracy Between
Strings
• Programmable Switching Frequency
• External PWM Dimming
• Selectable Phase Shift Function at PWM
DIM Mode
• Open/Short LED Protection
• Short Inductor/Diode Protection
• Programmable Over-voltage Protection
• Thermal Shutdown
• Fault Flag Output
• Extendable LED Channels with Share One
Set of Power Stage
• TSSOP-28 and SOIC-28 Packages
APPLICATIONS
• LCD Flat Panel Displays
• 2D/3D LCD TVs and Monitors
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3373

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3373GM MPS-MP3373GM Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
MP3373GY MPS-MP3373GY Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
More results

Similar Description - MP3373

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
logo
Monolithic Power System...
MP3391 MPS-MP3391 Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
MP3393 MPS-MP3393 Datasheet
518Kb / 19P
8-String Step-Up White LED Driver with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3378-S-00A MPS-EV3378-S-00A Datasheet
356Kb / 8P
4 Strings, Step Up WLED Controller Plus High Efficiency Step down Converter
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com