Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19372 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19372 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19372
Download  TS19372 Download
File Size   317.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Buck (Step-down) WLED Driver with External Switch

TS19372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19372 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19372
Download  TS19372 Click to download

File Size   317.59 Kbytes
Page   6 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Buck (Step-down) WLED Driver with External Switch

TS19372 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19372 Product details

General Description
The TS19372 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 6V and 40V and provides 300mA output current to drive external N-channel MOSFET.
TS19372 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.

Features
● Wide Input Voltage Range 6V~40V
● 300mA Output Current
● High Efficiency up to 92%
● Drives up to 3 (1~3W) LEDs @ VIN 12V
● Drives up to 7 (1~3W) LEDs @ VIN 24V
● 180kHz Switching Frequency
● Internal PWM Filter

Application
● LED Flashlights
● White LED Backlighting
● White LED Driving
● Multiple LED Driving
● LED Lighting Equipment




Similar Part No. - TS19372

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19372CX5RF TSC-TS19372CX5RF Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
More results


Similar Description - TS19372

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19373 TSC-TS19373 Datasheet
386Kb / 7P
800mA Buck (Step-down) WLED Driver
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
2A Buck (Step-down) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
8 Strings, Step Up WLED Controller with External Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com