Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19371 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19371 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19371
Download  TS19371 Download
File Size   222.65 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver with OVP

TS19371 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19371 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19371
Download  TS19371 Click to download

File Size   222.65 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver with OVP

TS19371 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19371 Product details

General Description

The TS19371 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The device can  drive up to  126 LEDs (9S14P) from a 12V  supply. The output capacitor can  be as small as  4.7µF, saving  space  versus  alternative  solutions.  A  low  95mV  feedback  voltage  minimizes  power  loss  for  better efficiency. Additional feature include over output voltage limiting (SOT-26 package) when LEDs are disconnected.



Features

● Inherently Matched LED Current

● High Efficiency: 89% Typical

● Drives Up to 9 LEDs Series @ Vin 9~15V

● Drives Up to 126 LEDs (9S14P) @ Vin 12~15V

● Drives Up to 6 (1W) LEDs Series @ Vin 12V

● Over Output Voltage Protection 30V (SOT-26)

● Fast 1.2MHz Switching Frequency

● Requires Only 4.7µF Output Capacitor

● PWM dimming control 1KHz to 10KHz

● Analog dimming control



Application

● Cellular Phones

● Portable Electronics Devices PDA, GPS

● LCD Display Module

● White LED Backlighting

● MR-16 lighting




Similar Part No. - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371CSRL TSC-TS19371CSRL Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
TS19371CX6 TSC-TS19371CX6 Datasheet
495Kb / 8P
Inherently Matched LED Current
TS19371CX6RF TSC-TS19371CX6RF Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
TS19371CX6RF TSC-TS19371CX6RF Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results


Similar Description - TS19371

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com