Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19370 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19370 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19370
Download  TS19370 Download
File Size   193.04 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver with OVP

TS19370 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19370 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19370
Download  TS19370 Click to download

File Size   193.04 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver with OVP

TS19370 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19370 Product details

General Description
The TS19370 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The device can drive 2 ~ 9 LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The output capacitor can be as small as 0.22µF, saving space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for better efficiency. Additional feature include over output voltage limiting when LEDs are disconnected.
The TS19370 switches at a fixed frequency of 1.2MHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand held equipment.

Features
● Inherently Matched LED Current
● High Efficiency: 88% Typical
● Drives Up to 6 LEDs @ Vin 5V
● Drives Up to 9 LEDs @ Vin 9~15V
● Over Output Voltage Protection 30V
● Fast 1.2MHz Switching Frequency
● Requires Only 0.22µF Output Capacitor
● PWM dimming control 1KHz to 10KHz
● Analog dimming control

Application
● Cellular Phones
● Portable Electronics Devices PDA, GPS
● LCD Display Module
● White LED Backlighting




Similar Part No. - TS19370

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results


Similar Description - TS19370

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Maxim Integrated Produc...
MAX17127 MAXIM-MAX17127 Datasheet
2Mb / 22P
Six-String WLED Driver with Integrated Step-Up Converter
19-5164; Rev 0; 3/10
logo
IXYS Corporation
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
40 WLED Driver with Boost Converter
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
49 WLED Driver with Boost Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com