Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1937 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS1937 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS1937
Download  TS1937 Download
File Size   384.21 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver

TS1937 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS1937 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS1937
Download  TS1937 Click to download

File Size   384.21 Kbytes
Page   8 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Boost (Step-up) WLED Driver

TS1937 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS1937 Product details

General Description
The TS1937 is a step-up DC/DC converter specifically designed to drive white LEDs with a constant current. The device can drive 2 ~ 12 LEDs in series from a Li-Ion cell. Series connection of the LEDs provides identical LED currents resulting in uniform brightness and eliminating the need for ballast resistors. The output capacitor can be as small as 0.22µF, saving space versus alternative solutions. A low 95mV feedback voltage minimizes power loss for better efficiency. Additional feature include over output voltage limiting when LEDs are disconnected.
The TS1937 switches at a fixed frequency of 1.2MHz, allowing the use of tiny, low profile inductors and capacitors to minimize footprint and cost in space consideration applications for cellular phone backlighting or other hand held equipment.

Features
● Inherently Matched LED Current
● High Efficiency: 88% Typical
● Drives Up to 6 LEDs @ Vin 5V
● Drives Up to 12 LEDs @ Vin 12~15V
● 36V Rugged Bipolar Switch
● Fast 1.2MHz Switching Frequency
● Requires Only 0.22µF Output Capacitor
● PWM dimming control 1KHz to 10KHz
● Analog dimming control

Application
● Cellular Phones
● Digital Still Cameras
● MP3 Players
● White LED Backlighting
● PDAs, Handheld computers




Similar Part No. - TS1937

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370CX6RF TSC-TS19370CX6RF Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
More results


Similar Description - TS1937

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS1916 TSC-TS1916 Datasheet
875Kb / 10P
1.7A Boost WLED Driver
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
Boost (Step-up) WLED Driver with OVP
logo
Richtek Technology Corp...
RT8511B RICHTEK-RT8511B Datasheet
134Kb / 11P
43V Asynchronous Boost WLED Driver
logo
Global Mixed-mode Techn...
G5966 GMT-G5966 Datasheet
85Kb / 1P
Boost WLED Driver for Backlights
logo
ACE Technology Co., LTD...
ACE7168R ACE-ACE7168R Datasheet
286Kb / 4P
Asynchronies Boost WLED Driver
VER 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com