Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS19373 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS19373 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS19373
Download  TS19373 Download
File Size   386.63 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800mA Buck (Step-down) WLED Driver

TS19373 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS19373 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS19373
Download  TS19373 Click to download

File Size   386.63 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 800mA Buck (Step-down) WLED Driver

TS19373 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TS19373 Product details

General Description
The TS19373 is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The device operates from an input supply between 6V and 40V and provides an externally adjustable output current of up to 800mA.
TS19373 includes the output switch and a high-side output current sensing circuit, which uses an external resistor to set the nominal average output current.

Features
● Wide Input Voltage Range 6V~40V
● 800mA Output Current
● High Efficiency up to 90%
● Drives up to 3 (1~3W) LEDs @ VIN 12V
● Drives up to 7 (1~3W) LEDs @ VIN 24V
● 180kHz Switching Frequency
● Internal PWM Filter

Application
● DC/DC or AC/DC LED driver applications
● Back lighting of flat panel displays
● Signage and decorative LED lightings
● Chargers
● LED Lighting Equipment – MR16, Tube




Similar Part No. - TS19373

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19373CX5RF TSC-TS19373CX5RF Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
More results


Similar Description - TS19373

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
800mA Synchronous Buck Step-Down Converter
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
Boost (Step-up) WLED Driver
TS19372 TSC-TS19372 Datasheet
317Kb / 6P
Buck (Step-down) WLED Driver with External Switch
TS19372 TSC-TS19372_10 Datasheet
183Kb / 9P
Buck (Step-down) WLED Driver with External Switch
TS19373 TSC-TS19373_10 Datasheet
259Kb / 9P
800mA Buck (Step-down) WLED Driver
TS19377 TSC-TS19377 Datasheet
140Kb / 7P
2A Buck (Step-down) WLED Driver
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Taiwan Semiconductor Co...
TS19378 TSC-TS19378 Datasheet
131Kb / 7P
2A Buck (Step-down) WLED Driver
TS19378 TSC-TS19378_15 Datasheet
274Kb / 7P
2A Buck (Step-down) WLED Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com