Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385GR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3385GR
Description  4 String WLED Controller With I2C Interface Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385GR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3385GR Datasheet HTML 1Page - Monolithic Power Systems MP3385GR Datasheet HTML 2Page - Monolithic Power Systems MP3385GR Datasheet HTML 3Page - Monolithic Power Systems MP3385GR Datasheet HTML 4Page - Monolithic Power Systems MP3385GR Datasheet HTML 5Page - Monolithic Power Systems MP3385GR Datasheet HTML 6Page - Monolithic Power Systems MP3385GR Datasheet HTML 7Page - Monolithic Power Systems MP3385GR Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
EV3385-R-00A: 4 STRING WHITE LED CONTROLLER WITH I
2C INTERFACE
EV3385-R-00A Rev.1.1
www.MonolithicPower.com
3
5/21/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EV3385-R-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Manufacturer
Manufacturer P/N
1
C1
4.7μF/50V
CAP/1210
TDK
C3225X7R1H475K
1
C2
4.7μF/100V
CAP/1210
TDK
C3225X7S2A475K
1
C3
0.47μF/25V
CAP/0805
TDK
C2012X7R1E474K
1
C4
470nF/16V
CAP/0603
TDK
C1608X7R1C474K
1
C5
100nF/25V
CAP/0603
Yageo
CC0603KRX7R
2
C6.C10
NC
CAP/0603
1
C7
47μF/50V
CAP/ELECT/DIP
江海
CD287-50V47
1
C8
NC
CAP/1210
1
C9
22μF/100V
CAP/ELECT/DIP
江海
CD263-100V22
1
D1
B380
DIODES/SMC
DIODES
B380-13-F
1
F1
0
FUSE/1206
COOPER
CC12H4A
1
L1
33μH/3.2A
SMD
Wurth
744770133
1
M1
AM4490N
SO8
Analog Power
AM4490N
1
R1
50m
RES/1206
Yageo
RL1206FR-070R05L
1
R2
168k
RES/0603
Yageo
RC0603FR-07160KL
6
R3,R7,
R8,R9,R13,R18,
100k
RES/0603
Yageo
RC0603FR-07100KL
1
R4
270
RES/0603
Yageo
RC0603FR-07270RL
9
R5,R10~R11,
R14~R17,R20,R22
0
RES/0603
Yageo
RC0603FR-070RL
2
R6,R12
2k
RES/0603
Yageo
RC0603FR-072KL
1
R19
NC
RES/1206
1
R21
10
RES/0603
Yageo
RC0603FR-0710RL
1
U1
MP3385
QFN20/4X4MM/EP
MP3385
13
EN, FT, GND,
LED, LED1, LED2,
LED3, LED4,
PWM-DIM, SCL,
SDA, VIN,GND
TP
Bend terminal



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com