Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3385GR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3385GR
Description  4 String WLED Controller With I2C Interface Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385GR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3385GR Datasheet HTML 1Page - Monolithic Power Systems MP3385GR Datasheet HTML 2Page - Monolithic Power Systems MP3385GR Datasheet HTML 3Page - Monolithic Power Systems MP3385GR Datasheet HTML 4Page - Monolithic Power Systems MP3385GR Datasheet HTML 5Page - Monolithic Power Systems MP3385GR Datasheet HTML 6Page - Monolithic Power Systems MP3385GR Datasheet HTML 7Page - Monolithic Power Systems MP3385GR Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EV3385-R-00A
4 String WLED Controller With I
2C Interface
Evaluation Board
EV3385-R-00A Rev.1.1
www.MonolithicPower.com
1
5/21/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3385 is a step-up controller with 4
regulated current channels designed to drive
WLED arrays for middle and large-size LCD
panel backlighting applications.
The MP3385 uses peak current mode, PWM
control architecture for system loop regulation.
It drives an external MOSFET to boost up the
output voltage from a 4.5V to 33V input supply.
It employs an I2C digital interface and can
flexibly set the operation and protection modes,
including dimming mode, dimming current and
dimming ratio, OCP, OVP, LED short protection
threshold, and the switching frequency. For
easy application use and board debugging, the
MP3385 detects and automatically disables the
unused LED strings during start-up to avoid
charging the output to the OVP threshold.
The MP3385 achieves 1.8% current matching
between each string. The low regulation voltage
on the LED current sources improves efficiency
and reduces power loss in order to achieve a
higher current output.
The MP3385 supports analog, PWM, and
combined analog and PWM dimming modes to
meet different application requirements. Full
protection features include OCP, OTP, UVP,
OVP,
LED
short/open
protection,
and
inductor/diode short protection.
The MP3385 is available in a QFN-20
4mm x 4mm and a TSSOP20-EP package.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
4.5 – 33
V
Output Voltage
VLED
<80
V
LEDs #
4 string
LED Current
ILED
120/string
mA
FEATURES
• 4-String, Max 300mA/String WLED Driver
• 4.5V to 33V Input Voltage Range
• 80V Abs. Rating for Each String
• 1.8% Current Matching Accuracy for Each
String
• Unused Channel Auto-Detection Function
during Start-Up
• 100kHz-900kHz Programmable Switching
Frequency
• Multiple Dimming Modes Selected by I2C
Interface:
1. Direct PWM Dimming Mode
2. Internal Fixed 23kHz PWM Dimming
Mode
3. Analog Dimming Mode by Input Pulse
4. Internal Analog Dimming Mode
5. Mixed Dimming Mode by Input Pulse
6. Internal Mixed Dimming Mode
• 2%-100% Programmable Full Scale Current
with 8-Bit Resolution
• 0%-100% LED Dimming Range with 10-Bit
Resolution for Internal Dimming Mode
• Cascading Capability with a Single Power
Source
• 18V to 80V Over-Voltage Protection,
2V/Step
• 0.15V to 0.5V Latch-Off/Recoverable OCP
Protection Threshold, 50mV/Step
• Recoverable Thermal Shutdown Protection
APPLICATIONS
• Desktop LCD Flat Panel Displays
• All In One
• 2D/3D LCD TVs
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP3385GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3385AGR MPS-MP3385AGR Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
More results

Similar Description - MP3385GR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00D MPS-EV6001DN-00D Datasheet
251Kb / 6P
WLED Driver Evaluation Board
logo
Eutech Microelectronics...
EUP2471 EUTECH-EUP2471 Datasheet
81Kb / 1P
1.5A Dual WLED Flash Driver with I2C Compatible Interface
logo
Richtek Technology Corp...
RT9396 RICHTEK-RT9396 Datasheet
376Kb / 17P
I2C Interface PMIC with 6-Channel WLED Driver and 4-LDO
logo
Monolithic Power System...
MP3385A MPS-MP3385A Datasheet
688Kb / 25P
4-String, 80V Output, WLED Controller with I2C Interface
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
EV3398E-F-00A MPS-EV3398E-F-00A Datasheet
392Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3398E-U-00A MPS-EV3398E-U-00A Datasheet
757Kb / 6P
4 strings WLED Controller With 80V Return Evaluation Board
EV3331-C-00A MPS-EV3331-C-00A Datasheet
576Kb / 7P
2A Flash LED Driver With I2C Interface Evaluation Board
EV24894-J-00A MPS-EV24894-J-00A Datasheet
208Kb / 7P
Step-Down WLED-Curernt Controller Evaluation Board
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com