Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389EF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3389EF
Description  12 strings White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389EF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3389EF Datasheet HTML 1Page - Monolithic Power Systems MP3389EF Datasheet HTML 2Page - Monolithic Power Systems MP3389EF Datasheet HTML 3Page - Monolithic Power Systems MP3389EF Datasheet HTML 4Page - Monolithic Power Systems MP3389EF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EV3389EF-00A ― 12 STRINGS WHITE LED DRIVER
EV3389EF-00A Rev.1.0
www.MonolithicPower.com
3
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EV3389EF-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
10µF
Electrolytic Capacitor,
100V
2
C2, C5
2.2µF
Ceramic
Capacitor,
100V, X7R
1210
Murata
GRM32ER71H225KA
88L
1
C3
4.7µF
Ceramic
Capacitor,
50V, X7R
1210
Murata
GRM32ER71H475KA
88L
2
C4, C6
NC
1210
3
C7, C10,
C12
NC
0603
1
C8
100pF
Ceramic
Capacitor,
50V, COG
0603
Murata
GRM1885C1H101JA
01D
1
C9
0.47uF
Ceramic
Capacitor,
50V, X7R
0603
Murata
GRM1885C1H474JA
01D
1
C11
100nF
Ceramic
Capacitor,
50V, X7R
0603
Murata
GRM188R71H104KA
93D
1
C13
220µF
Electrolytic Capacitor,
35V
1
D1
Diode Schottky, 90V,
1A
SMA
Diodes Inc
B190
1
F1
0Ω
Fuse, 2A, 63V
1206
Cooper Bussman
3216FF2-R
22µH
Inductor,2.6A
SMD
Sumida
CDRH8D43-220N
1
L1
33µH
Inductor,2.3A
SMD
Toko
1
M1
P- channel MOSFET
SO8
AM4499P
1
M2
N- channel MOSFET
SO8
AM4490N
1
R1
432kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07432KL
3
R2, R5,
R10
NC
0603
14
R3,
R16~R28
0Ω
Resistor, 1%
0603
Yageo
1
R4
10kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0710KL
2
R6
0.1Ω
Current Resistor, 1%
1206
1
R7
NC
1206
4
R8, R12,
R14, R15
20kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0720KL
1
R9
191kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07191KL
1
R11
100kΩ
Resistor, 1%
0603
Yageo
RC0603FR-07100KL
1
R13
60.4kΩ
Resistor, 1%
0603
Yageo
RC0603FR-0760K4L
1
U1
LED Driver IC
TSSOP28
MPS
MP3389EF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com