Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3389EF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3389EF
Description  12 strings White LED Driver Evaluation Board
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3389EF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3389EF Datasheet HTML 1Page - Monolithic Power Systems MP3389EF Datasheet HTML 2Page - Monolithic Power Systems MP3389EF Datasheet HTML 3Page - Monolithic Power Systems MP3389EF Datasheet HTML 4Page - Monolithic Power Systems MP3389EF Datasheet HTML 5Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EV3389EF-00A ― 12 STRINGS WHITE LED DRIVER
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV3389EF-00A Rev. 1.0
www.MonolithicPower.com
5
9/23/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
QUICK START GUIDE
1. Connect the positive and negative terminals of the load panel (14 white LEDs in series, 12
stings paralleled) to the LED+ and LED1~12 pins on the EV board, respectively.
2. Connect the positive and negative terminals of the power supply (8V ~ 28V) to the VIN and
GND pins on the EV board, respectively.
3. Drive EN pin high (5V) to enable the MP3389.
4. For PWM dimming, apply a PWM rectangular waveform with a minimum voltage less than 0.5V
and a maximum greater than 5V on PWM DIM pin. The frequency of the PWM signal is
recommended between 200Hz to 2kHz.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com