Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3391EF
Description  8 String White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3391EF Datasheet HTML 1Page - Monolithic Power Systems MP3391EF Datasheet HTML 2Page - Monolithic Power Systems MP3391EF Datasheet HTML 3Page - Monolithic Power Systems MP3391EF Datasheet HTML 4Page - Monolithic Power Systems MP3391EF Datasheet HTML 5Page - Monolithic Power Systems MP3391EF Datasheet HTML 6Page - Monolithic Power Systems MP3391EF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EV3391EF-00A 8 STRING WHITE LED DRIVER
EV3391EF-00A Rev.1.0
www.MonolithicPower.com
3
11/9/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
0
R3
NC
R2
10
R17
NC
C7
1
VIN
1
GND
1
FF
1
EN
1
DIMMING
C3
2
1
JP1
NC
C4
C1
F1
2
1
L1
2
1
B360
D1
NC
C8
C5
C2
C6
357k
R1
1k
R6
10k
R9
100PF
C9
R4
1
LED+
1
LED8
1
LED7
1
LED6
1
LED5
1
LED4
1
LED3
1
LED2
1
LED1
1
LED16
1
LED15
1
LED14
1
LED13
1
LED12
1
LED11
1
LED10
1
LED9
10
R18
10
R20
10
R22
10
R24
10
R25
10
R27
10
R29
10
R39
10
R40
10
R41
10
R42
10
R44
10
R45
10
R46
10
R48
C12
NC
R8 0
R5
2k
R19
20k
R21
NC
R31
130k
R30
NC
R28
332k
R26
NC
C14
20.5k
R23
470nF
C15
NC
C13
100k
R16
90.9k
R15
2k
R13
20k
R14
10k
R7
C10
0
R12
C11
NC
R32
VIN
0
R34
FF
NC
R35
C16
VCC
NC
R36
COMP
90.9k
R37
NC
C19
100k
R38
NC
C20
20.5k
R43
470nF
C21
SSET
NC
R49
NC
R47
VCC
NC
R33
VFAULT
NC
C17
NC
C18
OVP1
0.05
R10
NC
R11
10V-28V
10S 8P 80mA/string
Set to 6.3V
VCC
3
2
AM4499P
M3
NC
28
DBRT
6
OSC
7
VCC
3
LED6
18
LED3
15
OVP
22
ISENSE
24
SSET
12
NUMSEL
21
TSET
10
ISET
11
GND
8
BOSC
9
COMP
4
EN
5
FF
26
VIN
2
LED8
20
LED7
19
LED5
17
LED4
16
LED2
14
LED1
13
VDD
1
PGND
23
GATE
25
NC
27
MP3391EF
U1
NC
28
DBRT
6
OSC
7
VCC
3
LED6
18
LED3
15
OVP
22
ISENSE
24
SSET
12
NUMSEL
21
TSET
10
ISET
11
GND
8
BOSC
9
COMP
4
EN
5
FF
26
VIN
2
LED8
20
LED7
19
LED5
17
LED4
16
LED2
14
LED1
13
VDD
1
PGND
23
GATE
25
NC
27
MP3391EF
U2
NC
C22
NC
R50
NC
C23
4
5, 6, 7, 8
1, 2, 3
M1
4
5, 6, 7, 8
1, 2, 3
M2
300
R51
470pF
C24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com