Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3391EF Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3391EF
Description  8 String White LED Driver Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391EF Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3391EF Datasheet HTML 1Page - Monolithic Power Systems MP3391EF Datasheet HTML 2Page - Monolithic Power Systems MP3391EF Datasheet HTML 3Page - Monolithic Power Systems MP3391EF Datasheet HTML 4Page - Monolithic Power Systems MP3391EF Datasheet HTML 5Page - Monolithic Power Systems MP3391EF Datasheet HTML 6Page - Monolithic Power Systems MP3391EF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV3391EF-00A
8 String White LED Driver
Evaluation Board
EV3391EF-00A Rev.1.0
www.MonolithicPower.com
1
11/9/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3391EF-00A is an evaluation board for
the MP3391EF, a step-up converter designed
for large liquid-crystal displays that employ an
array of LEDs as the light source. It can drive
up to 8 WLED strings in parallel with 80mA
maximum current.
The MP3391 uses external power MOSFET
and internal current mode, fixed frequency
architecture and includes current ballast in each
string terminal, which achieves 2.5% current
regulation accuracy between strings. Low
feedback voltage at each LED string help
reduce power loss and improve efficiency.
The MP3391 is flexible for extending LED
channels with two or more MP3391s in parallel.
The MP3391 has multiple features to protect
the converter from fault conditions, including
under-voltage lockout, current limiting, over
voltage, short LED, open LED and thermal
shut-down protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
10 – 28
V
LEDs #
8 strings parallel and
12 LEDs/string
LED Current
ILED
60/string
mA
FEATURES
• 10V to 28V Input Voltage Range
• External Power MOSFET
• Up to 90% Efficiency
• Programmable Over Voltage Protection
• Drives up to 8 Strings Parallel 2.5% Current
Regulation Accuracy Between Strings
• Programmable Switching Frequency:
• PWM or DC Input Burst PWM Dimming
• Open and Short LED Load Protection
• Thermal Shutdown
• Flexible Extended Channels Applications
APPLICATIONS
• Notebook PC
• LCD Monitor
• LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic
Power Systems, Inc.


Similar Part No. - MP3391EF

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391EF MPS-MP3391EF Datasheet
569Kb / 18P
8-Channel, 120mA/ch Step-Up WLED Driver Controller
More results

Similar Description - MP3391EF

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3388EY-00A MPS-EV3388EY-00A Datasheet
232Kb / 4P
8 string White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com