Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6920DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6920DN
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6920DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6920DN Datasheet HTML 1Page - Monolithic Power Systems MP6920DN Datasheet HTML 2Page - Monolithic Power Systems MP6920DN Datasheet HTML 3Page - Monolithic Power Systems MP6920DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV6920-N-00A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6920-N-00A Rev. 1.0
www.MonolithicPower.com
2
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
VDD
4
VSS
3
VSS
2
VSS
1
NC
5
VSENSE
6
NC
7
NC
8
U1
MP6920
2.2uF
C1
1
VSENSE
1
VSS
1
VDD
E/PAD
EV6920-N-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Manufacturer P/N
1
C1
2.2uF
Ceramic Cap. 25V X7R
0805
muRata
GRM21BR71E225KA73L
1
U1
MP6920DN
Smart Synchronous
Rectifier
SOIC8
MPS
MP6920DN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com