Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6920DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6920DN
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6920DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6920DN Datasheet HTML 1Page - Monolithic Power Systems MP6920DN Datasheet HTML 2Page - Monolithic Power Systems MP6920DN Datasheet HTML 3Page - Monolithic Power Systems MP6920DN Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV6920-N-00A
High Efficiency
Synchronous Rectification EV Board
EV6920-N-00A Rev. 1.0
www.MonolithicPower.com
1
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV6920-N-00A is an evaluation board for
the MP6920DN. It is configured to provide
synchronous rectification solution for Flyback
topology.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Supply voltage
VDD
8–24
V
FEATURES
• Integrated 10mΩ 60V Power Switch
• Compatible with Energy Star, 1W Standby
Requirements
• VDD Range From 8V to 24V
• Max 300KHz Switching Frequency
• Supports
DCM
and
Quasi-Resonant
Topologies
• Supports
High-side
and
Low-side
Rectification
• Power Savings of Up to 1.5W in a Typical
Notebook Adapter
APPLICATIONS
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
• Flyback Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
EV6920-N-00A EVALUATION BOARD
(L x W x H) 1.14” x 1.14” x 0.6”
2.9cm x 2.9cm x 1.4cm
Board Number
MPS IC Number
EV6920-N-00A
MP6920DN


Similar Part No. - MP6920DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6920DN MPS-MP6920DN Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
More results

Similar Description - MP6920DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6901DS-00A MPS-EV6901DS-00A Datasheet
161Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902DS-00A MPS-EV6902DS-00A Datasheet
170Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6902-S-00B MPS-EV6902-S-00B Datasheet
193Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6903DS-00A MPS-EV6903DS-00A Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6905-S-00A MPS-EV6905-S-00A Datasheet
221Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6906-S-00A MPS-EV6906-S-00A Datasheet
169Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6910A-S-00A MPS-EV6910A-S-00A Datasheet
416Kb / 4P
High Efficiency Synchronous Rectification EV Board
EV6922DS-00A MPS-EV6922DS-00A Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6923-S-00A MPS-EV6923-S-00A Datasheet
211Kb / 5P
High Efficiency Synchronous Rectification EV Board
EV6924-S-00A MPS-EV6924-S-00A Datasheet
325Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com