Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7722DF Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7722DF
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7722DF Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7722DF Datasheet HTML 1Page - Monolithic Power Systems MP7722DF Datasheet HTML 2Page - Monolithic Power Systems MP7722DF Datasheet HTML 3Page - Monolithic Power Systems MP7722DF Datasheet HTML 4Page - Monolithic Power Systems MP7722DF Datasheet HTML 5Page - Monolithic Power Systems MP7722DF Datasheet HTML 6Page - Monolithic Power Systems MP7722DF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
EV7722DF-02A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7722DF-02A Rev. 1.1
www.MonolithicPower.com
4
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
EV7722DF-02A BILL OF MATERIALS (continued)
Qty
Ref
Value
Description
Package
Manufacturer P/N
2
R1, R20
121kΩ
Resistor, 1%
0603
Yageo:
RC0603FR-07120KL
4
R2, R3, R13,
R18
100kΩ
Resistor, 1%
0603
Yageo:
RC0603FR-07100KL
2
R4, R17
NS
Not Stuffed
2
R5, R15
10Ω
Resistor, 5%
0603
Yageo:
RC0603JR-0710RL
2
R6, R12
24kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0725RL
2
R7, R11
10kΩ
Resistor, 1%
0603
Yageo:
RC0603FR-0710KL
2
R8, R14
10Ω
Resistor, 5%
1206
Yageo:
RC1206JR-0710RL
2
R9, R19
10kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0710KL
2
R10, R16
20kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0720KL
1
R21
100kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-07100KL
2
R22,R23
18kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-0718KL
1
R24
3kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-073KL
2
R25, R33
200kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-07200KL
4
R28, R29,
R32, R34
560kΩ
Resistor, 5%
0603
Yageo:
RC0603JR-07560KL
2
R26, R31
110kΩ
Resistor, 5%
0603
Any
2
R27, R30
150kΩ
Resistor, 5%
0603
Any
1
SP1
Speaker Connector, Red and
Black
Any
1
SW1
Switch slide, 12V, 0.1A
Any
1
TP1
Pin (Test Point)
Any
1
U1
MPS AUDIO IC MP7722DF
TSSOP20F
MPS:
MP7722DF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com