Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7722DF Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7722DF
Description  20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7722DF Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7722DF Datasheet HTML 1Page - Monolithic Power Systems MP7722DF Datasheet HTML 2Page - Monolithic Power Systems MP7722DF Datasheet HTML 3Page - Monolithic Power Systems MP7722DF Datasheet HTML 4Page - Monolithic Power Systems MP7722DF Datasheet HTML 5Page - Monolithic Power Systems MP7722DF Datasheet HTML 6Page - Monolithic Power Systems MP7722DF Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EV7722DF-02A – 20W STEREO CLASS D SINGLE ENDED AUDIO AMPLIFIER
EV7722DF-02A Rev. 1.1
www.MonolithicPower.com
5
10/19/2007
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2007 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (Hz)
100
80
60
40
20
0
0
5
10
15
20
25
OUTPUT POWER (W)
VDD (V)
20
18
16
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
VDD (V)
20
18
16
14
12
10
8
6
4
2
0
0
5
10
15
20
25
30
THD=10%
THD=10%
THD=1%
THD=1%
Efficiency vs
Output Power
VDD = 24V
THD+N vs Frequency
VDD = 24V, 1W
Frequency Response
VDD = 24V, AV = 12
10
1
0.1
0.01
20
100
1K
10K
0
-20
-40
-60
-80
-100
-120
100
1K
10K
FREQUENCY (Hz)
FREQUENCY (Hz)
+4
+2
0
-2
-4
-6
-8
-10
10
100
1K
10K
0
-20
-40
-60
-80
-100
-120
20
100
1K
10K
FREQUENCY (Hz)
POUT (W)
THD+N vs Output Power
VDD = 24V, f = 1KHz
20
10
1
0.1
0.01
0.1
1.0
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com