Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-520 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # PL-520
Description  Green Laser Diode in TO38 ICut Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL-520 Datasheet(HTML) 7 Page - OSRAM GmbH

  PL-520 Datasheet HTML 1Page - OSRAM GmbH PL-520 Datasheet HTML 2Page - OSRAM GmbH PL-520 Datasheet HTML 3Page - OSRAM GmbH PL-520 Datasheet HTML 4Page - OSRAM GmbH PL-520 Datasheet HTML 5Page - OSRAM GmbH PL-520 Datasheet HTML 6Page - OSRAM GmbH PL-520 Datasheet HTML 7Page - OSRAM GmbH PL-520 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Version 1.1
PL 520
04.02.2016
7
Disclaimer
OSRAM OS assumes no liability whatsoever for any use of this document or its content by recipient including, but not
limited to, for any design in activities based on this preliminary draft version. OSRAM OS may e. g. decide at its sole
discretion to stop developing and/or finalizing the underlying design at any time.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. 
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose!
Critical components* may only be used in life-support devices** or systems with the express written approval of
OSRAM OS.
*) A critical component is a component used in a life-support device or system whose failure can reasonably be
expected to cause the failure of that life-support device or system, or to affect its safety or the effectiveness of that
device or system.
**) Life support devices or systems are intended (a) to be implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is reasonable to assume that the health and the life of the user may be
endangered.
Important notes of operation for laser diode
a) Electrical operation
OSRAMs laser diodes are designed for maximum performance and reliability. Operating the laser diode above the
maximum rating even for very short periods of time can damage the laser diode or reduce its lifetime. The laser diode
must be operated with a suitable power supply with minimized electrical noise.
The laser diode is very sensitive to electrostatic discharge (ESD). Proper precautions must be taken.
b) Mounting instructions
In order to maintain the lifetime of the laser diode proper heat management is essential. Due to the design of the laser
diode heat is dissipated only through the base plate of the diode‘s body. A proper heat conducting interconnection
between the diodes base plate and the heat sink must be maintained.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com