Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL-520 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # PL-520
Description  Green Laser Diode in TO38 ICut Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL-520 Datasheet(HTML) 4 Page - OSRAM GmbH

  PL-520 Datasheet HTML 1Page - OSRAM GmbH PL-520 Datasheet HTML 2Page - OSRAM GmbH PL-520 Datasheet HTML 3Page - OSRAM GmbH PL-520 Datasheet HTML 4Page - OSRAM GmbH PL-520 Datasheet HTML 5Page - OSRAM GmbH PL-520 Datasheet HTML 6Page - OSRAM GmbH PL-520 Datasheet HTML 7Page - OSRAM GmbH PL-520 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
04.02.2016
4
Version 1.1
PL 520
Relative Spectral Emission (B1)
Popt = ƒ (λ)
Relative Spectral Emission (B2)
Popt = ƒ (λ)
Threshold Current
Ith = ƒ (Tcase)
Beam Divergence
Popt = ƒ (θ), Tcase = 25 °C
516
518
520
522
524
0.0
0.2
0.4
0.6
0.8
1.0
[nm]
T
case=20 °C
T
case=60 °C
T
case=40 °C
512
514
516
518
0.0
0.2
0.4
0.6
0.8
1.0
[nm]
T
case=20 °C
T
case=60 °C
T
case=40 °C
0
204060
35
40
45
50
55
60
65
70
75
B2
B1
T
case [°C]
-40
-20
0
20
40
0.0
0.2
0.4
0.6
0.8
1.0
[deg]
||
⊥



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com