Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH-421 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-421
Description  GaAlAs-IR-Lumineszenzdiode in SMT-Geh채use
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-421 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-421 Datasheet HTML 1Page - OSRAM GmbH SFH-421 Datasheet HTML 2Page - OSRAM GmbH SFH-421 Datasheet HTML 3Page - OSRAM GmbH SFH-421 Datasheet HTML 4Page - OSRAM GmbH SFH-421 Datasheet HTML 5Page - OSRAM GmbH SFH-421 Datasheet HTML 6Page - OSRAM GmbH SFH-421 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2002-03-14
2
SFH 421, SFH 426
Grenzwerte (
T
A = 25 °C)
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
op; Tstg
– 40
… + 100
°C
Sperrspannung
Reverse voltage
V
R
5V
Durchlaßstrom
Forward current
I
F
100
mA
Stoßstrom,
τ = 10 µs, D = 0
Surge current
I
FSM
2.5
A
Verlustleistung
Power dissipation
P
tot
180
mW
Wärmewiderstand Sperrschicht - Umgebung bei
Montage auf FR4 Platine, Padgröße je 16 mm
2
Thermal resistance junction - ambient mounted
on PC-board (FR4), padsize 16 mm
2 each
Wärmewiderstand Sperrschicht - Lötstelle bei
Montage auf Metall-Block
Thermal resistance junction - soldering point,
mounted on metal block
R
thJA
R
thJS
450
≈ 200
K/W
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com